データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MHO363TCG-R

  • AI
    The **MHO363TCG-R** is a specific electronic component primarily used in power electronics, specifically serving as a **High-Frequency Magnetic Component** (often an inductor or a specialized transformer module). Below is a breakdown of its technical characteristics and typical role in electronic circuits. --- ### 1. Component Overview The MHO363TCG-R belongs to a family of surface-mount (SMD) power inductors or magnetic modules. These are designed to manage current flow and store energy in the form of a magnetic field, commonly found in DC-DC converters and power supply units. ### 2. Technical Specifications (General) While specific data can vary by manufacturer (often associated with brands like *Sumida* or *TDK* style numbering), the "363" and "TCG" designations usually refer to the physical size and core material characteristics. | Feature | Description | | :--- | :--- | | **Component Type** | SMD Power Inductor / Magnetic Module | | **Mounting Type** | Surface Mount (SMT) | | **Core Material** | Ferrite (High saturation flux density) | | **Application** | Voltage regulation, EMI filtering, Power storage | | **RoHS Status** | Compliant (indicated by the '-R' suffix) | --- ### 3. Key Electronic Functions In a circuit, the MHO363TCG-R performs several critical electronic tasks: 1. **Energy Storage:** In switching regulators, it stores energy when the switch is closed and releases it when the switch is open to maintain a steady output voltage. 2. **Noise Suppression (Filtering):** It acts as a low-pass filter, blocking high-frequency AC noise while allowing DC to pass through, which is vital for "cleaning" power rails. 3. **Impedance Matching:** Used in specific RF or signal processing circuits to match the impedance between different stages to ensure maximum power transfer. ### 4. Typical Applications * **DC-DC Converters:** Buck, Boost, and Buck-Boost topologies. * **Consumer Electronics:** Laptops, tablets, and high-efficiency LED drivers. * **Telecommunications:** Power management modules for base stations or routers. * **Automotive:** Infotainment systems and ECU power supplies. --- ### 5. Identification Deciphering * **MHO:** Series prefix (Manufacturer specific). * **363:** Usually indicates physical dimensions (e.g., length/width) or inductance value code. * **TCG:** Designates the winding style or core material grade. * **-R:** Indicates "RoHS Compliant" or "Tape & Reel" packaging for automated assembly.
    ✨ Follow-up Questions
    • ⤷ What are the specific inductance and current ratings for the MHO363TCG-R?
    • ⤷ Can this component be substituted with a standard 10uH inductor?
    • ⤷ What is the recommended solder profile for this SMD component?