データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MHO367FAD-R

  • AI
    The **MHO367FAD-R** is an electronic component primarily classified as a **High-Stability Oven Controlled Crystal Oscillator (OCXO)**. These devices are designed to provide an extremely precise and stable frequency reference, even when environmental temperatures fluctuate significantly. --- ## 1. Core Technical Specifications The "MHO" series typically originates from manufacturers like **Mercury Electronic**, specializing in frequency control products. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Oven Controlled Crystal Oscillator (OCXO) | | **Package Type** | Through-hole (DIL-14 or similar footprint) | | **Output Type** | HCMOS / TTL | | **Supply Voltage** | Usually 3.3V or 5.0V | | **Stability** | ±0.01 ppm to ±0.1 ppm (Highly stable) | | **Operating Temp** | -40°C to +85°C (Standard Industrial) | --- ## 2. Key Electronic Functions ### A. The "Oven" Mechanism Unlike standard oscillators (XO) or temperature-compensated oscillators (TCXO), an OCXO like the MHO367FAD-R contains an internal heating element and a thermistor. * **Thermal Control:** It heats the crystal to a specific "turn-over" temperature (where the crystal is least sensitive to thermal changes). * **Consistency:** By maintaining a constant internal temperature, it eliminates frequency drift caused by external ambient air. ### B. Internal Circuitry The device integrates several sub-modules: 1. **Crystal Resonator:** The heart of the timing. 2. **Heating Circuit:** A closed-loop system that regulates power to the heater. 3. **Buffer Amplifier:** Ensures the output signal is strong enough to drive other digital components without affecting the oscillator's stability. --- ## 3. Pinout and Interface Most MHO series oscillators in this category follow a standard layout: | Pin Number | Function | Description | | :--- | :--- | :--- | | **Pin 1** | **V_control** | Optional voltage control for fine-tuning frequency. | | **Pin 7** | **GND** | Ground connection. | | **Pin 8** | **Output** | The stabilized clock signal. | | **Pin 14** | **Vcc** | Power supply input. | --- ## 4. Common Applications Due to its high precision, the MHO367FAD-R is used in environments where timing errors can cause system failure: * **Telecommunications:** Base stations (LTE/5G) and synchronization for network switches. * **Test & Measurement:** Frequency counters and signal generators. * **Aerospace:** Satellite communication ground stations. * **SDR (Software Defined Radio):** Providing a stable reference for high-frequency tuning.
    ✨ Follow-up Questions
    • ⤷ What is the typical warm-up time for the MHO367FAD-R to reach its stable frequency?
    • ⤷ How does the power consumption of this OCXO compare to a standard TCXO?
    • ⤷ Can you provide the exact frequency options available for the MHO367 series?