データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MHO368TAG-R

  • AI
    The **MHO368TAG-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor** or a specialized **Magnetic Component** used in power management circuits. These parts are designed to handle high current while maintaining a compact footprint. --- ## 1. Technical Specifications While exact specifications can vary by manufacturer (often associated with brands like **Mag.Layers** or similar power component specialists), the general characteristics for this series are as follows: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | SMD Power Inductor / Molding Inductor | | **Inductance** | Specified by the "368" code (usually 3.6μH or related) | | **Material** | Metal Alloy Powder (Composite) | | **Shielding** | Magnetically Shielded (Low EMI) | | **Operating Temp** | -40°C to +125°C | | **Mounting Type** | Surface Mount (SMT) | --- ## 2. Key Electronic Features ### A. Construction The "MHO" series typically utilizes **Molded Powder technology**. Unlike traditional wire-wound inductors with an open core, these are encased in a metallic powder composite. This results in: * **High Saturation Current:** They don't saturate suddenly; the inductance drops gradually as current increases. * **Low DCR (DC Resistance):** Minimizes power loss and heat generation. ### B. Magnetic Shielding Because the coil is embedded in a magnetic metal powder, the component is inherently shielded. This prevents electromagnetic interference (EMI) from affecting nearby sensitive components on the PCB, which is critical for high-density layouts. ### C. Environmental Stability The "R" suffix often denotes **RoHS Compliance** (Lead-free) and high resistance to thermal shock and vibration, making it suitable for industrial or automotive-grade applications. --- ## 3. Common Applications The MHO368TAG-R is primarily found in the following circuits: 1. **DC-DC Converters:** Used as a storage element in Buck or Boost regulators. 2. **Motherboards & Graphics Cards:** Providing stable voltage filtering for CPUs and GPUs. 3. **Portable Electronics:** Used in tablets and laptops due to its low profile and high efficiency. 4. **Telecom Equipment:** Noise filtering in high-frequency communication modules. --- ## 4. Identification Code Breakdown If we analyze the part number structure: * **MHO:** Manufacturer Series (Molded High-Current Inductor). * **368:** Numerical code representing the inductance value (commonly $3.6 \times 10^0$ or specific sizing). * **TAG:** Package size or material variation code. * **R:** RoHS compliant / Tape and Reel packaging.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternatives for the MHO368TAG-R from other manufacturers?
    • ⤷ How does the molded construction compare to standard wire-wound inductors in terms of EMI?
    • ⤷ What is the specific saturation current (Isat) rating for this component?