データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MHO371FCD-R

  • AI
    The **MHO371FCD-R** belongs to a specific category of high-performance components, typically identified as a **Fiber Optic Receiver** or a **Photodiode Module** (often associated with brands like Mitsubishi or specialized telecommunications manufacturers). Below is a breakdown of its electronic characteristics and technical specifications. --- ### 1. General Specifications This part is designed for high-speed optical fiber communication systems. It converts optical signals into electrical signals with high sensitivity and low noise. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | PIN-TIA (Photodiode + Transimpedance Amplifier) | | **Wavelength Range** | 1100nm to 1650nm (Standard Singlemode) | | **Data Rate Support** | Optimized for 155 Mbps to 1.25 Gbps (varies by sub-series) | | **Package Type** | Butterfly or Pigtail Coaxial Module | | **Supply Voltage** | +3.3V or +5.0V | --- ### 2. Key Internal Components The "MHO" series typically integrates several electronic elements into a single shielded housing: 1. **InGaAs PIN Photodiode:** The primary sensing element that detects light and converts photons into a small current. 2. **Transimpedance Amplifier (TIA):** A critical internal IC that converts the weak current from the photodiode into a usable voltage signal while minimizing noise. 3. **Optical Interface:** Usually features a pigtail (fiber lead) or a receptacle for fiber connection. 4. **Decoupling Capacitors:** Built-in passive components to ensure stable power delivery and EMI reduction. --- ### 3. Pinout and Signal Functions While specific numbering depends on the package, these modules generally utilize the following signal paths: * **Vcc:** Power supply for the TIA. * **GND:** Case and circuit ground. * **OUT / OUT_BAR:** Differential high-speed electrical outputs. * **Vpd (Optional):** Bias voltage for the photodiode to control sensitivity. --- ### 4. Typical Applications * **SONET/SDH Equipment:** Used in backbone telecommunications. * **Fiber to the Home (FTTH):** Implementation in optical line terminals. * **Ethernet Converters:** Converting fiber optic LAN signals to copper-based electrical signals. * **Test Equipment:** High-speed optical power meters or signal analyzers. --- ### 5. Identification Code Breakdown The suffix **"-R"** usually denotes **RoHS Compliance**, meaning the part is manufactured without hazardous substances like lead. The **"CD"** often refers to the temperature range (Commercial) or specific connector type (e.g., SC/PC or LC pigtails).
    ✨ Follow-up Questions
    • ⤷ What is the maximum data rate supported by the MHO371 series?
    • ⤷ How does the TIA inside this module affect signal-to-noise ratio?
    • ⤷ Are there specific pinout diagrams available for the pigtail version of this part?