MHO371FCG-R
AI

The **MHO371FCG-R** is a high-precision, surface-mount (SMD) **Crystal Oscillator** manufactured by **Mercury Electronic**. It is designed for applications requiring high stability and low power consumption in a compact form factor.
---
### 1. Key Technical Specifications
The following table highlights the primary electrical characteristics of the MHO371FCG-R:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | XO (Standard Crystal Oscillator) |
| **Package Type** | 7.0 x 5.0 mm (6-pad SMD) |
| **Output Type** | HCMOS / TTL |
| **Supply Voltage (Vdd)** | +3.3V (Typical) |
| **Frequency Range** | Typically 1.5 MHz to 156 MHz (Model dependent) |
| **Frequency Stability** | ±25 ppm to ±100 ppm (Standard) |
| **Operating Temp Range** | -40°C to +85°C (Industrial Grade) |
| **RoHS Status** | Compliant (Lead-Free) |
---
### 2. Physical Design and Pinout
The MHO series uses a ceramic seam-welded package, which provides high reliability and environmental protection.
#### Pin Configuration (Standard 6-Pad)
1. **Pad 1:** Tri-state (Enable/Disable) or No Connection.
2. **Pad 2:** No Connection.
3. **Pad 3:** Ground (Case).
4. **Pad 4:** Output.
5. **Pad 5:** Complementary Output (Not used in HCMOS versions).
6. **Pad 6:** Supply Voltage (Vdd).
---
### 3. Core Functional Components
Within the "MHO371" series architecture, the electronic assembly consists of three main stages:
* **AT-Cut Quartz Crystal:** The primary vibrating element that provides the reference frequency.
* **Oscillator IC:** An integrated circuit that provides the necessary gain to maintain oscillation and converts the signal into a logic-level square wave (HCMOS).
* **Tri-state Control:** Allows the output to be placed in a high-impedance state, effectively "turning off" the signal without powering down the entire device, which is useful for power saving.
---
### 4. Application Areas
Due to its robust performance and standard footprint, this part is commonly found in:
* **Networking:** Ethernet switches and routers.
* **Storage:** Fiber channel and SATA controllers.
* **Computing:** Microprocessor clocks and embedded systems.
* **Industrial:** Measurement equipment and PLC controllers.
---
- ⤷What are the specific frequency stability options available for the MHO371 series?
- ⤷ How does the 'Tri-state' function impact power consumption in this model?
- ⤷ What is the recommended solder reflow profile for this 7x5mm SMD package?