データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MHR64FFJ-R

  • AI
    The **MHR64FFJ-R** is a specific variant of a high-performance electrical connector, typically associated with the **MHR Series**. These connectors are engineered for high-density applications where reliability and space-saving are critical. --- ### 1. Component Overview The MHR64FFJ-R is a **Micro-High Reliability** connector. It is primarily used in industrial automation, medical devices, and telecommunications. | Feature | Specification Details | | :--- | :--- | | **Series** | MHR Series | | **Pin Count** | 64 Positions | | **Gender** | Female (Socket/Receptacle) | | **Termination Style** | Typically IDC (Insulation Displacement Connector) or Solder | | **Pitch** | High-density (often 1.27mm or 0.635mm depending on sub-standard) | | **RoHS Status** | Compliant (indicated by the -R suffix) | --- ### 2. Key Electronic Characteristics These parts are designed to maintain signal integrity under mechanical stress. * **Contact Resistance:** Engineered for low milliohm resistance to prevent voltage drops across the 64 pins. * **Current Rating:** Usually rated for small signal currents (0.5A to 1.0A per contact). * **Insulation Resistance:** High-grade thermoplastic insulation ensures minimal leakage between adjacent pins. * **Durability:** Gold-plated contacts are standard to prevent oxidation and ensure hundreds of mating cycles. --- ### 3. Deciphering the Part Number While nomenclature can vary slightly by manufacturer (e.g., Hirose, Samtec, or specialized industrial brands), the code generally breaks down as follows: 1. **MHR:** Series designation (Micro High Reliability). 2. **64:** Number of electrical contacts/circuits. 3. **FF:** Designates the connector as a Female-to-Female or Female Receptacle configuration. 4. **J:** Often refers to a specific mounting style (e.g., "J-lead" or a specific Jackscrew locking mechanism). 5. **-R:** Indicates **RoHS Compliance** (Lead-free). --- ### 4. Common Applications Due to the 64-pin high-density layout, this part is frequently found in: * **PCB-to-Cable Interconnects:** Connecting mainboards to peripheral sensor arrays. * **Test & Measurement:** Internal wiring for oscilloscopes or logic analyzers. * **Aerospace/Defense:** Small-form factor avionics where weight and space are restricted. ---
    ✨ Follow-up Questions
    • ⤷What is the exact pitch measurement for the MHR64FFJ-R?
    • ⤷ Which manufacturers produce compatible equivalents for this connector?
    • ⤷ What is the maximum voltage rating for the MHR series?