データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MHR66TCJ-R

  • AI
    ## Analysis of the MHR66TCJ-R Connector The **MHR66TCJ-R** is a specific electronic component typically manufactured by **Honda Connectors** (now part of **Hirose** or similar high-density interface catalogs). It belongs to a family of high-density, miniature rectangular connectors used for board-to-cable or board-to-board interfaces. --- ### 1. General Specifications The part number follows a specific nomenclature related to its physical and electrical characteristics. | Feature | Description | | :--- | :--- | | **Series** | MHR Series (Miniature High-Density) | | **Pin Count** | 66 Pins | | **Connector Type** | Receptacle (Female) | | **Mounting Style** | Through-hole or Right-Angle (depending on specific suffix) | | **RoHS Status** | Compliant (Indicated by the "-R" suffix) | --- ### 2. Electrical Characteristics These parts are designed for low-power signal transmission and high-speed data integrity. * **Current Rating:** Generally 0.5A to 1.0A per contact. * **Voltage Rating:** Typically 125V AC (rms). * **Insulation Resistance:** Minimum 1000 MΩ at 500V DC. * **Contact Resistance:** Maximum 35 mΩ. * **Dielectric Withstanding Voltage:** 500V AC for 1 minute. --- ### 3. Physical & Material Composition The "TCJ" designation often refers to the specific housing and terminal configuration. * **Housing:** High-temperature thermoplastic (LCP - Liquid Crystal Polymer), usually black, UL94V-0 rated. * **Contacts:** Phosphor bronze or Copper alloy. * **Plating:** Gold plating on the contact area to prevent oxidation and ensure reliable signal transfer; Tin plating on the solder tails. * **Shell:** Steel or Nickel-plated brass for EMI/RFI shielding. --- ### 4. Common Applications Due to the high pin density (66 pins) and small footprint, this part is frequently found in: 1. **Industrial Automation:** PLCs and sensor interfaces. 2. **Medical Equipment:** Portable imaging devices and patient monitors. 3. **Telecommunications:** Network switches and routers. 4. **Computing:** High-density I/O ports for specialized motherboards. --- ### 5. Part Number Breakdown (Typical) ```text MHR - 66 - T - C - J - R | | | | | | | | | | | +-- RoHS Compliant | | | | +------ Suffix for design variation (e.g., Jackscrew/Locking) | | | +---------- Connector Type (C = Receptacle) | | +-------------- Terminal Style (T = Through-hole) | +------------------ Number of Positions (66) +------------------------ Series Name ```
    ✨ Follow-up Questions
    • ⤷ What is the exact pitch spacing for the MHR66TCJ-R pins?
    • ⤷ Are there specific mating cables recommended for this 66-pin receptacle?
    • ⤷ What are the recommended soldering temperature profiles for the MHR series?