データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MI-PC2O2-MW

  • AI
    The **MI-PC2O2-MW** is a high-performance, isolated DC-DC converter module belonging to the **MI-200 series** (specifically the Mil-spec family) manufactured by **Vicor Corporation**. These modules are designed primarily for military and aerospace applications where reliability, power density, and adherence to electromagnetic standards are critical. --- ### ## Technical Specifications Overview The part number "MI-PC2O2-MW" follows a specific nomenclature that defines its electronic characteristics: | Feature | Specification | Description | | :--- | :--- | :--- | | **Input Voltage** | 270V DC | Nominal input (range usually 200–400V DC) | | **Output Voltage** | 15V DC | Regulated output voltage | | **Output Power** | 100W | Maximum power rating for this specific configuration | | **Product Grade** | M-Grade | Operating Temp: -55°C to +85°C | | **Efficiency** | 80% - 90% | Varies based on load and conditions | | **Isolation** | 3,000Vrms | Input to output isolation | --- ### ### Key Electronic Components & Internal Architecture The MI-PC2O2-MW utilizes several advanced power electronic principles to achieve its small footprint (Full-brick size): 1. **Zero-Current Switching (ZCS):** Unlike traditional PWM converters that suffer from high switching losses, this module uses ZCS technology. This allows the internal MOSFETs to switch when current is zero, significantly reducing heat and electromagnetic interference (EMI). 2. **High-Frequency Pulse Width Modulation:** Operating at frequencies often exceeding 1MHz, the module can use much smaller internal inductors and capacitors, leading to its high power density. 3. **Encapsulation & Packaging:** The electronics are housed in a specialized, thermally conductive epoxy resin. This provides mechanical rigidity and protects against high-vibration environments typical in military hardware. 4. **Control Loop Logic:** The module includes internal feedback circuitry to maintain precise voltage regulation ($\pm 1\%$) even with significant fluctuations in input voltage or output load. --- ### ### Pinout and Interface The physical interface consists of heavy-duty pins designed for PCB mounting or bus-bar attachment: * **Primary Side (Input):** * `+In` / `-In`: Main DC supply. * `Gate In` / `Gate Out`: Used for synchronizing multiple modules in parallel. * **Secondary Side (Output):** * `+Out` / `-Out`: The 15V delivery pins. * `+Sense` / `-Sense`: Remote sensing to compensate for voltage drops across long traces. * `Trim`: Allows the user to adjust the output voltage slightly above or below 15V using an external resistor. --- ### ### Protection Circuitry The MI-PC2O2-MW is electronically "ruggedized" with the following safeguards: * **Overvoltage Protection (OVP):** Shuts down the unit if the output exceeds a safe threshold. * **Current Limiting:** Protects the module against short circuits. * **Thermal Shutdown:** Automatically turns off if the baseplate temperature exceeds $85^\circ C$ to prevent internal component failure.
    ✨ Follow-up Questions
    • ⤷ How does the 'M-Grade' temperature rating affect the reliability of this module compared to industrial grades?
    • ⤷ What external components are required to filter EMI for this specific DC-DC converter?
    • ⤷ Can multiple MI-PC2O2-MW modules be connected in parallel to increase power output?