データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MI201209-R10

  • AI
    The **MI201209-R10** is a specific electronic component typically categorized as a **Multilayer Chip Ferrite Bead**. These components are widely used in Surface Mount Technology (SMT) for noise suppression and Electromagnetic Interference (EMI) filtering. ### 1. Part Number Breakdown The part number follows a standard industry convention for passive components: | Segment | Meaning | Description | | :--- | :--- | :--- | | **MI** | Series Type | Multilayer Ferrite Bead (High current/Standard) | | **2012** | Package Size | Imperial 0805 (Metric 2012: 2.0mm x 1.25mm) | | **09** | Thickness | Approximately 0.9mm | | **R10** | Impedance/Value | Often denotes specific material or impedance characteristics (varies by manufacturer) | --- ### 2. Technical Specifications While exact specs can vary slightly between manufacturers (like Sunlord, Bourns, or Murata), the typical characteristics for this series include: * **Type:** Multilayer Ferrite Chip Bead. * **Impedance:** Usually measured at 100MHz. * **DC Resistance (DCR):** Very low (typically $<0.5\Omega$), minimizing power loss. * **Rated Current:** Can range from 100mA to 600mA depending on the specific "R10" material grade. * **Operating Temperature:** $-55^{\circ}C$ to $+125^{\circ}C$. --- ### 3. Functional Purpose Unlike a standard inductor which stores energy, a **Ferrite Bead** acts as a "lossy" device at high frequencies. 1. **EMI Suppression:** It filters out high-frequency noise from power lines or signal lines. 2. **Impedance Transformation:** It provides low resistance to DC and low-frequency signals but high impedance to high-frequency noise. 3. **Heat Dissipation:** It absorbs high-frequency interference and dissipates it as a tiny amount of heat. --- ### 4. Applications The MI201209-R10 is commonly found in: * **Consumer Electronics:** Smart phones, tablets, and laptops. * **Data Lines:** USB lines, HDMI interfaces, and VGA circuits. * **Power Supplies:** Decoupling circuits to prevent noise from entering sensitive ICs. --- ### 5. Implementation Example In a circuit, the bead is usually placed in series with the power rail (VCC). ```markdown VCC Input ----[ MI201209-R10 ]---- VCC Clean (to IC) | [ Capacitor ] | GND ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ferrite bead and a standard inductor?
    • ⤷ How do I choose the correct impedance for an EMI filter?
    • ⤷ Can this component be used in high-power automotive applications?