データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MIM-R1AA38

  • AI
    The **MIM-R1AA38** is a specialized Infrared (IR) Receiver Module commonly used in consumer electronics for remote control signal detection. It integrates a PIN photodiode and a preamplifier into a single compact package. --- ### 1. Technical Specifications The following table outlines the primary electrical characteristics of the MIM-R1AA38: | Parameter | Value | Unit | | :--- | :--- | :--- | | **Carrier Frequency** | 37.9 (typical) | kHz | | **Operating Voltage** | 2.7 to 5.5 | V | | **Supply Current** | 0.4 to 1.5 | mA | | **Detection Distance** | 10 - 15 | Meters | | **Peak Wavelength** | 940 | nm | | **Output Type** | Active Low | - | --- ### 2. Internal Electronic Architecture The module is more than just a light sensor; it contains a complex Integrated Circuit (IC) that performs several functions: * **PIN Photodiode:** Converts the 940nm IR light pulses into electrical signals. * **Preamplifier:** Boosts the weak signal from the photodiode. * **Automatic Gain Control (AGC):** Adjusts sensitivity to compensate for ambient light noise. * **Band Pass Filter:** Specifically tuned to **38kHz** (or 37.9kHz) to reject signals from sunlight or fluorescent lamps. * **Demodulator:** Removes the carrier wave and outputs a clean digital pulse sequence (TTL/CMOS compatible). --- ### 3. Pin Configuration The device typically features three pins. While you should always verify with a specific datasheet, the standard layout is: 1. **Vout (Signal):** The demodulated digital output connected to a microcontroller. 2. **GND:** Common ground. 3. **Vcc:** Positive power supply (typically 5V or 3.3V). --- ### 4. Application Example (Arduino Connection) To use this part in a circuit, a basic pull-up resistor and a decoupling capacitor are recommended to ensure signal stability. ```cpp // Simple Arduino snippet to read IR signal int irPin = 2; // Connected to Vout of MIM-R1AA38 void setup() { pinMode(irPin, INPUT); Serial.begin(9600); } void loop() { int signal = digitalRead(irPin); if (signal == LOW) { Serial.println("IR Signal Detected"); } } ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between 38kHz and 56kHz IR receivers?
    • ⤷ How do I filter noise from a MIM-R1AA38 in a high-light environment?
    • ⤷ Can this module be used for high-speed data transmission?