データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MJS1-R

  • AI
    ## Understanding the MJS1-R Component The **MJS1-R** is typically a part number associated with **Joystick Switches**, specifically within the modular pilot device ranges (like the ABB Compact or Modular series). These are industrial-grade control components used to manage machinery or automated processes through physical directional input. --- ### 1. Technical Specifications The "R" suffix often denotes specific configurations like **maintained contact** or **momentary action**, depending on the manufacturer’s catalog. Below is a general overview of the electronic and mechanical characteristics: | Feature | Description | | :--- | :--- | | **Type** | 2-Position or 4-Position Joystick | | **Mounting Diameter** | Standard 22mm (Industrial hole size) | | **Action Type** | Momentary (Spring return) or Maintained (Stays in place) | | **Current Rating** | Typically 1A - 6A (Depends on AC/DC voltage) | | **IP Rating** | IP66/IP67/IP69K (High protection against water/dust) | | **Material** | Chrome/Plastic bezel with Rubber bellows | --- ### 2. Core Electronic Components The MJS1-R is not a single electronic chip but an assembly of several parts: * **Actuator (The Stick):** The physical lever handled by the operator. * **Contact Blocks:** The actual electronic switching elements. When the stick is moved, it pushes a plunger that opens or closes electrical circuits. * *Normally Open (NO):* Completes the circuit when moved. * *Normally Closed (NC):* Breaks the circuit when moved. * **Bellows:** A protective rubber seal that ensures the internal electronic contacts are not contaminated by oil, water, or dust. * **Legend Plate:** Often used to indicate directions (Up/Down or Left/Right). --- ### 3. Connection and Wiring In a standard industrial control panel, the MJS1-R is wired to a PLC (Programmable Logic Controller) or directly to motor contactors. ```yaml Wiring Example: - Terminal 1-2: X-Axis (Direction A) - Terminal 3-4: X-Axis (Direction B) - Common: Ground or 24V DC Source ``` --- ### 4. Applications * **Cranes and Hoists:** Controlling the movement of overhead lifting equipment. * **Material Handling:** Operating conveyor belts or sorting arms. * **Industrial Panels:** Custom user interfaces for CNC machines or heavy-duty manufacturing equipment.
    ✨ Follow-up Questions
    • ⤷ What is the difference between momentary and maintained action in the MJS1-R series?
    • ⤷ How many contact blocks can be mounted to an MJS1-R joystick?
    • ⤷ What are the specific environmental ratings for the MJS series in outdoor use?