データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MJS200-R

  • AI
    The **MJS200-R** typically refers to a high-performance **Micro-Joystick** or a specific series of **Position Sensors** (often used in medical, aerospace, or industrial remote controls). Below is a breakdown of its electronic characteristics and components. --- ### 1. Core Electronic Components The device is generally built around **Hall Effect technology** rather than traditional potentiometers. This ensures a longer lifespan since there are no physical contacts to wear out. | Component | Description | | :--- | :--- | | **Hall Effect Sensors** | Detects changes in the magnetic field as the joystick moves to determine X-Y coordinates. | | **ASIC / Microcontroller** | Processes raw analog signals into stabilized voltage or digital outputs. | | **Return-to-Center Springs** | Mechanical components that interact with the electronic sensors to ensure a "Null" output when idle. | | **Integrated Circuits (IC)** | Provide protection against EMI (Electromagnetic Interference) and RFI (Radio Frequency Interference). | ### 2. Electrical Specifications While exact specs vary by manufacturer (often associated with brands like *Apem* or *CH Products* style designs), the standard electrical profile is: * **Supply Voltage ($V_{cc}$):** Typically $5.0V \pm 0.5V$ DC. * **Output Signal:** Usually Ratiometric (e.g., $0.5V$ to $4.5V$, with $2.5V$ as the center). * **Current Consumption:** Low power, generally $< 10mA$. * **Resolution:** Infinite (limited only by the external Analog-to-Digital Converter used). ### 3. Pinout and Connection Most MJS200-R units use a multi-pin connector (like a Molex or JST header). | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | **GND** | Ground / 0V | | 2 | **$V_{cc}$** | Positive Power Supply | | 3 | **X-Axis Out** | Horizontal position signal | | 4 | **Y-Axis Out** | Vertical position signal | | 5 | **Switch** | (Optional) Push-button signal if integrated | ### 4. Key Electronic Advantages 1. **Non-Contact Sensing:** Eliminates "noise" associated with carbon track wear in potentiometers. 2. **Redundancy:** High-reliability versions include dual sensors for "fail-safe" operation in medical or industrial machinery. 3. **Low Profile:** The "M" in MJS often stands for "Micro," meaning the electronic footprint is designed for surface mounting or tight handheld enclosures. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between Hall Effect and Potentiometric joysticks?
    • ⤷ How do I interface the MJS200-R with an Arduino?
    • ⤷ What are the environmental protection ratings for this component?