データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MJS300-R

  • AI
    The **MJS300-R** is a high-performance, rotary-type motorized positioning stage, typically utilized in precision engineering, laser processing, and laboratory automation. Its electronic architecture is designed for high resolution, repeatability, and integration with motion control systems. --- ### 1. Core Electronic Components The performance of the MJS300-R depends on three primary electronic subsystems: | Component | Function | Technical Details | | :--- | :--- | :--- | | **Drive Motor** | Provides mechanical motion. | Usually a high-torque **2-phase Stepper Motor** or a **Brushless DC Servo** for high-speed applications. | | **Position Encoder** | Feedback mechanism. | An optical or magnetic encoder providing high pulse-per-revolution (PPR) for sub-micron accuracy. | | **Limit/Home Sensors** | Safety and calibration. | Non-contact **Hall Effect** or **Optical sensors** to define the "Home" position and prevent over-travel. | --- ### 2. Technical Specifications (Typical) While specific configurations may vary by manufacturer, the electronic characteristics generally follow these standards: - **Input Voltage:** Usually 24V to 48V DC. - **Resolution:** Can reach up to 0.001° depending on the micro-stepping driver or encoder resolution. - **Connector Type:** Commonly uses **DB9** or **Circular Aviation Connectors** for signal and power integrity. - **Wiring Logic:** - **A+ / A- / B+ / B-**: Motor Phase signals. - **VCC / GND**: Sensor and Encoder power supply. - **Index/Home**: Signal pulse for zero-positioning. --- ### 3. Connection and Control Interface The MJS300-R is designed to interface with external **Motion Controllers** (like those from Galil, Trio, or proprietary PLC modules). #### Typical Pinout Structure (DB9 Example) ```text Pin 1: Motor Phase A+ Pin 2: Motor Phase A- Pin 3: Motor Phase B+ Pin 4: Motor Phase B- Pin 5: +5V/24V (Sensor Power) Pin 6: Home Sensor Signal Pin 7: Limit + (Clockwise) Pin 8: Limit - (Counter-Clockwise) Pin 9: Ground ``` --- ### 4. Integration Considerations 1. **Driver Compatibility:** Ensure the stepper driver supports the current rating (Amps) required by the motor inside the MJS300-R to avoid overheating. 2. **Shielding:** Electronic noise can interfere with encoder signals. It is highly recommended to use **shielded twisted pair (STP)** cables for long runs. 3. **Micro-stepping:** To achieve the "300" series' precision, the electronic controller should be set to at least 16x or 32x micro-stepping. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific torque ratings for the MJS300-R motor?
    • ⤷ Does the MJS300-R support EtherCAT or CANopen communication protocols?
    • ⤷ How do I calibrate the home sensor for high-precision repeatability?