データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MJS5-R

  • AI
    The **MJS5-R** is a specific model within the series of high-performance **Magnetic Jacks (MagJacks)**, typically manufactured by companies like Bel Fuse or CUI Devices. These components are essentially RJ45 connectors with integrated Ethernet magnetics. --- ## 1. Core Technical Specifications The "MJS" series is characterized by its small footprint and specific mounting orientation. Below are the typical electronic specifications for the MJS5-R: | Feature | Specification | | :--- | :--- | | **Connector Type** | RJ45 Female (Single Port) | | **Speed Support** | 10/100 Base-T (Fast Ethernet) | | **Mounting Type** | Through-Hole (THT), Right Angle | | **Shielding** | Metal Shielded with EMI Tabs | | **LEDs** | Often non-LED or optional (depends on sub-suffix) | | **RoHS Status** | Compliant (indicated by the "-R") | --- ## 2. Internal Electronic Components The "MagJack" technology inside the MJS5-R replaces several discrete components that would otherwise take up space on a PCB. ### A. Isolation Transformers * **Purpose:** Provides galvanic isolation (usually up to 1,500V AC) between the Ethernet cable and the physical layer (PHY) chip. * **Function:** Protects the circuitry from voltage spikes and static electricity. ### B. Common Mode Chokes * **Purpose:** Noise suppression. * **Function:** Filters out electromagnetic interference (EMI) coming from the cable or the device itself, ensuring signal integrity. ### C. Termination Resistors and Capacitors * **Purpose:** Impedance matching (usually 75 Ohms). * **Function:** Reduces signal reflection, which is critical for maintaining high-speed data transmission without errors. --- ## 3. Physical & Mechanical Attributes * **Housing:** High-temperature thermoplastic (UL 94V-0 rated). * **Contacts:** Gold plating over nickel to prevent corrosion and ensure low contact resistance. * **EMI Tabs:** These are the small metallic "fingers" on the outside of the shield that make contact with the equipment's chassis to provide a path to ground for interference. --- ## 4. Application Use Cases The MJS5-R is commonly found in: 1. **Networking Hardware:** Routers, switches, and hubs. 2. **Industrial Computing:** PLCs and industrial motherboards where space is limited. 3. **IoT Devices:** Smart gateways that require a wired Ethernet connection. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the MJS5-R and standard RJ45 connectors without magnetics?
    • ⤷ How do I interpret the pinout diagram for an MJS series MagJack?
    • ⤷ Can the MJS5-R support Power over Ethernet (PoE)?