データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MK-B6-R

  • AI
    The **MK-B6-R** typically refers to a specific model of a **Miniature Intermediate Power Relay** (often associated with brands like Omron or specialized industrial electronic manufacturers). These components are critical in automation and control circuits for switching power signals. Below is a breakdown of the electronic specifications and characteristics of this part. ### 1. Key Technical Specifications The "B6" series usually denotes the physical form factor and contact arrangement, while "R" often signifies a specific internal feature like a built-in resistor or a specific mounting style. | Feature | Typical Specification | | :--- | :--- | | **Contact Form** | DPDT (2 Form C) or 3PDT (3 Form C) | | **Rated Load** | 10A at 250VAC / 10A at 28VDC | | **Coil Voltages** | 6V to 240V AC / 6V to 110V DC | | **Contact Material** | Silver Alloy (AgSnIn or AgCdO) | | **Mechanical Life** | 10,000,000 operations min. | | **Dielectric Strength** | 2,500 VAC between coil and contacts | --- ### 2. Internal Electronic Components The MK-B6-R is an electromechanical device consisting of several internal parts: * **Electromagnetic Coil:** When energized, it creates a magnetic field to move the armature. The "R" variant may include a suppression circuit to reduce back-EMF. * **Armature & Spring:** The mechanical mechanism that toggles the contacts when the magnetic field is present/absent. * **Contacts:** High-conductivity metal points that open or close the electrical circuit. * **Built-in Indicator (Optional):** Many MK series relays include a small LED or mechanical flag to show the status of the relay. --- ### 3. Pinout and Connection The MK-B6-R is generally designed for **Plug-in** mounting, fitting into a standard 8-pin or 11-pin circular (octal) socket. * **Coil Terminals:** Pins used to power the relay (e.g., Pins 2 and 7 on an 8-pin base). * **Common (COM):** The moving part of the switch. * **Normally Closed (NC):** The contact the COM touches when the relay is OFF. * **Normally Open (NO):** The contact the COM touches when the relay is ON. --- ### 4. Common Applications Due to its reliability and high current handling, it is used in: 1. **Industrial Control Panels:** For motor starting and logic control. 2. **HVAC Systems:** Switching fans, compressors, or heaters. 3. **Power Distribution:** Providing isolation between low-voltage control circuits and high-voltage loads. --- ### 5. Schematic Diagram Representation ```text [ Coil ] (2)---(S)---(7) [ Switch ] (1) COM ----\---- (4) NC \--- (3) NO ``` *(Example 8-pin configuration simplified)*
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'R' suffix and the standard 'MK' model?
    • ⤷ Which socket base is compatible with the MK-B6-R relay?
    • ⤷ How do you test if the coil of an MK-B6-R has failed?