データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ML2010-R20-JB

  • AI
    The **ML2010-R20-JB** is a specific electronic component, typically categorized as a **Wirewound Power Resistor**. This part is designed to handle high-density power loads while maintaining high stability. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's limits: | Segment | Meaning | Specification | | :--- | :--- | :--- | | **ML** | Series | High Power / Low Resistance Wirewound | | **2010** | Package Size | 2.0 x 1.0 inches (approximately) | | **-R20** | Resistance Value | 0.20 Ohms (200mΩ) | | **-J** | Tolerance | ±5% | | **-B** | Packaging/Special | Bulk packaging or specific terminal finish | --- ### 2. Key Technical Specifications While exact values can vary slightly by manufacturer (commonly produced by companies like RCD Components), the general specs for this series are: * **Resistance:** 0.20 $\Omega$ * **Tolerance:** ±5% (Standard for "J" grade) * **Power Rating:** Typically ranges from **5W to 10W** depending on the specific heatsink or mounting conditions. * **Construction:** Wirewound element around a ceramic core, often coated with a flameproof silicone or vitreous enamel. * **Temperature Coefficient (TCR):** Usually low (e.g., ±50ppm to ±100ppm/°C), providing stability across temperature fluctuations. --- ### 3. Electronic Function & Applications The ML2010-R20-JB is primarily used in circuits where **low resistance** and **high power dissipation** are required. #### A. Current Sensing Because the resistance is very low (0.20Ω), it is ideal for measuring current. By measuring the voltage drop across this resistor ($V = I \times R$), a control circuit can determine the amount of current flowing. #### B. Inrush Current Limiting It can be used to limit the initial surge of current when a device is powered on, protecting sensitive semiconductors. #### C. Typical Circuit Locations: * Power supplies (DC-DC Converters) * Motor controllers * Battery management systems (BMS) * Audio amplifiers (as emitter resistors) --- ### 4. Physical Characteristics * **Durability:** Wirewound resistors are more robust than thick-film resistors when handling transient pulses and surges. * **Inductance:** Because it is wirewound, it may have some parasitic inductance. If used in high-frequency switching, a "non-inductive" version (often designated as **NML**) would be used instead.
    ✨ Follow-up Questions
    • ⤷ What is the maximum power dissipation (wattage) for the ML2010 series?
    • ⤷ How does a wirewound resistor compare to a thick-film resistor for current sensing?
    • ⤷ Is there a non-inductive version of the R20 resistor available?