データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ML2010EL-R20-FB

  • AI
    The **ML2010EL-R20-FB** is a precision electronic component, specifically a **High-Current Power Inductor** (Surface Mount Device). These components are critical for power management in modern electronics, providing energy storage and filtering. --- ## 1. Technical Specifications Below is a breakdown of the typical technical parameters for this specific part series: | Parameter | Specification (Typical) | | :--- | :--- | | **Inductance** | 0.20 µH (indicated by "R20") | | **Tolerance** | ±1% or ±0.1nH (indicated by "F/B") | | **Package Size** | 2010 Metric (Approx. 2.0mm x 1.0mm) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Material** | Metal Alloy / Magnetic Shielded | | **Application** | High-frequency DC-DC converters, VRMs | --- ## 2. Part Number Breakdown Understanding the alphanumeric code helps identify its characteristics: * **ML**: Series prefix (Multi-Layer or Metal Alloy series). * **2010**: The physical dimensions (Length x Width) in metric units (2.0mm x 1.0mm). * **EL**: Specific construction type (usually refers to Low Profile or Enhanced performance). * **R20**: The Inductance value. "R" acts as a decimal point, meaning **0.20 microhenries (µH)**. * **FB**: Tolerance and Packaging code. "F" usually denotes a tight tolerance (±1%). --- ## 3. Key Electronic Functions The ML2010EL-R20-FB serves several vital roles within a circuit: ### A. Energy Storage In switching power supplies (DC-DC converters), the inductor stores energy in its magnetic field during the "ON" cycle and releases it during the "OFF" cycle to maintain a steady output voltage. ### B. Noise Filtering (Choke) Because inductors resist changes in current, this part acts as a low-pass filter. It allows DC current to pass while blocking high-frequency electromagnetic interference (EMI) and ripple noise. ### C. Magnetic Shielding The "EL" construction typically implies a shielded design. This prevents the magnetic flux generated by the inductor from interfering with nearby sensitive components (like CPUs or RF modules) on a crowded PCB. --- ## 4. Common Use Cases * **Smartphones & Tablets:** Used in power management integrated circuits (PMICs) for efficient battery usage. * **Graphic Cards (GPUs):** Handling high-current, low-voltage power stages. * **IoT Devices:** Where space is limited and high efficiency is required.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Irms) for this specific inductor size?
    • ⤷ How does the 'R20' value affect the ripple current in a buck converter?
    • ⤷ Are there alternative components with a smaller footprint than the 2010 size?