データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ML65D50TL

  • AI
    Based on the model number **ML65D50TL**, this identifies as a **65-inch 4K UHD LED Television** (commonly associated with the brand **Magnavox**). Below is a breakdown of the internal electronic components and their functions. --- ## 1. Main Board (Logic Board) The Main Board is the "brain" of the TV. It processes video and audio signals and houses the input/output ports. | Component | Function | | :--- | :--- | | **System on Chip (SoC)** | The primary processor that handles the Smart TV OS, image scaling, and decoding. | | **HDMI Ports** | Receives digital signals from external devices (consoles, Blu-ray). | | **Wi-Fi Module** | Enables wireless internet connectivity for streaming apps. | | **EEPROM/Flash Memory** | Stores the firmware and user settings. | --- ## 2. Power Supply Unit (PSU) This board converts AC voltage from your wall outlet into the low-voltage DC power required by the other components. * **Rectifier Circuit:** Converts AC to DC. * **Transformer:** Steps down the voltage to specific levels (usually 5V, 12V, and 24V). * **LED Driver:** A specialized circuit on the PSU (or a separate board) that controls the voltage and brightness of the screen's backlights. --- ## 3. T-CON Board (Timing Controller) The T-CON board acts as the bridge between the Main Board and the LCD Panel. * **Function:** It translates the video data into signals that the individual pixels on the screen can understand. * **Common Issues:** If this part fails, the TV may have sound but no picture, or display vertical lines/distorted colors. --- ## 4. Backlight Array (LED Strips) Since this is a DLED (Direct LED) TV, the backlights are arranged in rows behind the LCD panel. | Part Type | Description | | :--- | :--- | | **LED Strips** | Multiple strips of light-emitting diodes that illuminate the liquid crystal display. | | **Diffuser Sheets** | Layers of plastic film that spread the light evenly to prevent "hot spots." | --- ## 5. Panel (Liquid Crystal Display) The physical screen surface. It does not produce light itself but acts as a filter that opens and closes pixels to create the image using the light from the LED strips. --- ### Technical Specifications Summary | Feature | Specification | | :--- | :--- | | **Resolution** | 3840 x 2160 (4K UHD) | | **Panel Type** | LED / LCD | | **Input Power** | 120V AC, 60Hz | | **Internal Connectors** | LVDS (Main to T-Con), FFC (Ribbon cables) |
    ✨ Follow-up Questions
    • ⤷ What are the common symptoms of a failing T-CON board in this model?
    • ⤷ Where can I find the exact part numbers for replacement boards for the ML65D50TL?
    • ⤷ How do I test if the LED backlights are burnt out versus a power supply failure?