データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MLC10-R033M-RC

  • AI
    The **MLC10-R033M-RC** is a high-current, low-resistance power inductor typically used in voltage regulator modules (VRMs), DC-DC converters, and high-frequency power supplies. Below is a detailed breakdown of its specifications and electronic characteristics. ### 1. Component Overview | Property | Specification | | :--- | :--- | | **Component Type** | Fixed Inductor (Power Inductor) | | **Inductance** | 0.033 µH (33 nH) | | **Tolerance** | ±20% (indicated by 'M') | | **DC Resistance (DCR)** | Extremely Low (typically < 1.0 mΩ) | | **Current Rating** | Very High (typically 30A to 60A+ range) | | **Package / Case** | Surface Mount (SMD) | --- ### 2. Part Number Breakdown Understanding the nomenclature helps in identifying the exact part series: * **MLC10**: Refers to the series and physical size (approx. 10mm footprint). * **R033**: Represents the inductance value ($0.033 \mu H$). * **M**: Represents the tolerance ($\pm 20\%$). * **RC**: Indicates RoHS Compliant. --- ### 3. Key Electronic Characteristics #### A. Low Inductance ($0.033 \mu H$) This part is designed for **high-speed switching**. Because the inductance is very low, the inductor can respond rapidly to changes in load current. This is essential for modern CPUs and GPUs that transition from idle to full power in nanoseconds. #### B. High Saturation Current ($I_{sat}$) The core material is engineered to handle massive amounts of current before the magnetic field saturates. Once saturated, an inductor loses its ability to store energy; this part is built to maintain its properties even under heavy electrical loads. #### C. Low DCR (DC Resistance) The "R033" series focuses on efficiency. By keeping the internal resistance of the copper winding extremely low, the part minimizes heat dissipation ($P = I^2 R$), which is critical in compact electronic assemblies. --- ### 4. Common Applications * **Graphics Cards (GPUs):** Used in the multi-phase power stages to deliver stable voltage to the core. * **Server Motherboards:** High-efficiency VRMs for high-TDP processors. * **DC-DC Converters:** Point-of-load (POL) modules where space is limited but power requirements are high. --- ### 5. Footprint (Example Layout) The MLC10 series usually features a shielded, flat-wire construction to minimize Electromagnetic Interference (EMI). ```text [ 10mm ] +----------+ --- | | | | Inductor | 10mm | Body | | +----------+ --- [Terminals] ```
    ✨ Follow-up Questions
    • ⤷What is the saturation current rating for the MLC10-R033M-RC?
    • ⤷ How does the 'RC' suffix impact the manufacturing process?
    • ⤷ What are the recommended thermal management strategies for this inductor?