データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MLG-1E-R

  • AI
    The **MLG-1E-R** is an electronic component from the **MLG Series** (Multilayer Inductor for High Frequency) manufactured by **TDK Corporation**. These parts are specifically designed for high-frequency circuits, such as those found in mobile communications and wireless modules. ### 1. General Specifications The MLG-1E-R series utilizes a multilayer structure with silver internal electrodes to achieve high $Q$ (Quality Factor) and low DC resistance. | Parameter | Typical Value / Description | | :--- | :--- | | **Case Size** | 0402 (Inch) / 1005 (Metric) | | **Dimensions** | 1.0mm x 0.5mm x 0.5mm | | **Material Type** | Ceramic Multilayer | | **Operating Temp** | -55°C to +125°C | | **Application** | High-frequency / RF circuits | --- ### 2. Key Electronic Characteristics The "R" in the part number suffix usually indicates a specific inductance value or tolerance range within the series. Here are the core electronic properties: * **High Q Factor:** Optimized to maintain low loss at Gigahertz frequencies. * **Tight Tolerances:** Often available in ±0.1nH or ±0.2nH tolerances, which is critical for impedance matching. * **SRF (Self-Resonant Frequency):** These inductors have a very high SRF, allowing them to function effectively in the 1GHz to 10GHz range. * **DC Resistance (Rdc):** Minimized to prevent signal attenuation and power loss. --- ### 3. Part Number Breakdown While the specific inductance value follows the "R" (e.g., MLG1005S**1N0**ST000), the general nomenclature for the MLG-1E series is as follows: | Code Segment | Meaning | | :--- | :--- | | **MLG** | Multilayer Inductor for High Frequency | | **1005 (1E)** | 1.0mm x 0.5mm Case Size | | **S** | Standard Material / Structure | | **R** | Reference to Inductance (e.g., 2N2 = 2.2nH) | --- ### 4. Typical Applications These components are found in the RF front-end of various devices: 1. **Impedance Matching:** Used in the signal path between the antenna and the transceiver. 2. **LC Filters:** Part of low-pass or band-pass filter circuits. 3. **VCOs:** Used in Voltage Controlled Oscillators for frequency stabilization. 4. **Mobile Devices:** Smartphones, Bluetooth modules, and Wi-Fi cards. --- ### 5. Handling and Soldering Because of their tiny 0402 (1005) size, they are sensitive to mechanical stress. ```markdown - Soldering Method: Reflow Soldering is recommended. - Storage: Keep in a controlled environment to prevent oxidation of the terminals. - Placement: Use high-precision SMT pick-and-place machines. ```
    ✨ Follow-up Questions
    • ⤷ What is the specific inductance value for the MLG-1E-R part you are looking at?
    • ⤷ How does the MLG series compare to the MHQ series from TDK?
    • ⤷ What are the recommended reflow temperature profiles for 0402 ceramic inductors?