データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MLG-22-R

  • AI
    The **MLG-22-R** refers to a specific variation of a Miniature Low-voltage Gas discharge tube or, more commonly in modern industrial contexts, a component within the **MLG-2** (Measuring Automation Light Grids) series by SICK. Based on electronic specifications for high-end automation components, here is a breakdown of the electronic parts and functional characteristics. --- ## 1. Core Electronic Components The MLG-22-R system is comprised of several integrated electronic layers that facilitate high-speed object detection and measurement. | Component | Description | Function | | :--- | :--- | :--- | | **Infrared Emitting Diodes (IREDs)** | High-intensity GaAs LEDs. | Projects invisible light beams across the monitored area. | | **Phototransistor Array** | Sensitive silicon-based receptors. | Receives light pulses and converts them into electrical currents. | | **ASIC (Application Specific IC)** | Custom integrated circuit. | Processes signals locally to filter out ambient light and interference. | | **Microprocessor** | On-board logic unit. | Handles synchronization, beam blanking, and communication protocols. | --- ## 2. Technical Specifications The "22-R" designation usually points to the resolution and receiver configuration. Below are the typical electronic ratings for this class of device: ### Electrical Data * **Supply Voltage ($V_s$):** DC 18 V ... 30 V (Stabilized). * **Power Consumption:** Typically < 200 mA (varies by beam count). * **Output Type:** Push-pull (PNP/NPN) or Fieldbus (IO-Link, Ethernet/IP). * **Response Time:** Rapid processing, often in the millisecond range ($t_{resp} \approx 3.5ms - 15ms$). --- ## 3. Connectivity and Interface Modern MLG-2 units utilize standardized electronic interfaces for industrial integration: 1. **M12 Round Connectors:** Usually 5-pin or 8-pin gold-plated connectors to ensure low contact resistance. 2. **Optical Synchronization:** The sender and receiver synchronize electronically via a physical wire or optically via the first beam to ensure timing accuracy. 3. **Status LEDs:** * **Green:** Power/Run. * **Yellow:** Output state (Light/Dark). * **Red:** Error/Alignment fault. --- ## 4. Signal Processing Features The electronic brain of the MLG-22-R supports advanced logic: * **Beam Coding:** Electronic modulation prevents "cross-talk" between two pairs of sensors placed near each other. * **Ambient Light Immunity:** Electronic filters reject high-frequency interference from fluorescent lighting or sunlight (up to 150,000 lux). * **Automatic Sensitivity Adjustment:** The circuitry compensates for dust buildup on the lenses by increasing gain dynamically. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum sensing range for the MLG-22-R light grid?
    • ⤷ How do I configure the IO-Link parameters for this specific model?
    • ⤷ What is the difference between the 'Standard' and 'Pro' electronic versions of this series?