データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MLS-AB-R/E

  • AI
    The **MLS-AB-R/E** is a precision magnetic guidance sensor (often referred to as a Magnetic Landmark Sensor) typically manufactured by companies like **Zhengzhou Millis** or **Micron**. It is designed for use in Automated Guided Vehicles (AGVs) and mobile robots to detect magnetic markers or tape embedded in the floor. --- ### 1. Key Electronic Components & Functions The device functions as a specialized magnetic field detector. Below are the primary internal electronic aspects: | Component Type | Description | Function | | :--- | :--- | :--- | | **Hall Effect Array** | A series of high-sensitivity Hall sensors. | Detects the presence and polarity (N/S) of magnetic markers. | | **MCU (Microcontroller)** | Embedded 32-bit processor. | Processes raw analog signals into digital data and handles communication protocols. | | **Isolation Circuit** | Optocouplers or galvanic isolation. | Protects the internal electronics from industrial electrical noise and surges. | | **Output Stage** | NPN/PNP Transistors or Bus Drivers. | Facilitates data transmission via physical wires to the AGV's main PLC. | --- ### 2. Technical Specifications The "R/E" designation often refers to specific output configurations (such as RS232, RS485, or CAN bus interfaces). | Parameter | Typical Value | | :--- | :--- | | **Operating Voltage** | 10V - 30V DC | | **Detection Distance** | 5mm to 50mm (Vertical) | | **Current Consumption** | < 50mA | | **Response Time** | < 10ms | | **Output Interface** | Typically RS485 or Digital Switching (N/S polarity) | | **Protection Rating** | IP67 (Dust and Water resistant) | --- ### 3. Connection Pinout (Generic) Most MLS-AB-R/E sensors use a standard M12 or multi-core cable connection: * **Brown:** VCC (10-30V) * **Blue:** GND (0V) * **Black:** Signal Output A (N-Pole Detection) * **White:** Signal Output B (S-Pole Detection) * **Yellow/Green:** Communication (TX/RX or CAN_H/L) --- ### 4. Working Principle The sensor utilizes the **Magnetic Induction** principle. When the AGV passes over a magnetic "landmark" (a specific point on the magnetic track), the Hall Effect elements detect the change in flux density. * **R/E Series Specialty:** These are often used for "Landmark" detection (reading site IDs) rather than just line-following. It allows the robot to know its exact location (e.g., Station 1, Loading Zone) based on the polarity sequence of the magnets.
    ✨ Follow-up Questions
    • ⤷ What is the specific communication protocol used by the R/E variant (RS485 or CAN)?
    • ⤷ How do you calibrate the detection sensitivity for different floor clearances?
    • ⤷ Can this sensor detect both magnetic tape and high-strength neodymium magnets?