データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MLS-C0-R/Q

  • AI
    The **MLS-C0-R** and **MLS-C0-Q** are part of a series of magnetic sensors (typically magnetic proximity switches) often used in industrial automation, pneumatic cylinders, and linear motion sensing. They utilize the Hall effect or Reed switch technology to detect the presence of a magnetic field. --- ## 1. Technical Specifications Overview While specific parameters may vary slightly by manufacturer (often associated with brands like **Mindman** or **Airtac** compatible sensors), here is the standard electronic breakdown: | Characteristic | MLS-C0-R (Reed Type) | MLS-C0-Q (Solid State/Hall) | | :--- | :--- | :--- | | **Switching Logic** | SPST, Normally Open | PNP or NPN Transistor | | **Voltage Range** | 5V ~ 240V AC/DC | 5V ~ 30V DC | | **Switching Current** | 100mA max | 200mA max | | **Contact Rating** | 10W max | 6W max | | **Voltage Drop** | 2.5V max | 0.5V @ 200mA | | **Internal Indicator** | Red LED | Green or Red LED | | **Frequency** | 200 Hz | 1000 Hz (1 kHz) | --- ## 2. Electronic Component Breakdown ### A. The Sensing Element * **MLS-C0-R (Reed Switch):** Contains two thin metal reeds inside a glass envelope. When a magnet approaches, the reeds are pulled together to complete the circuit. It is "passive" and can handle AC or DC. * **MLS-C0-Q (Solid State):** Uses a **Hall Effect** sensor. It detects the magnetic field strength and triggers a transistor. It has no moving parts, leading to a much longer lifespan and higher switching speeds. ### B. Protection Circuitry Inside the sensor housing, several electronic components protect the device: * **Varistor/Zener Diode:** Used to suppress voltage spikes (back-EMF) when switching inductive loads like relay coils. * **LED & Resistor:** A series circuit that provides visual feedback when the sensor is "High" (closed). * **Reverse Polarity Protection:** (Specific to the -Q model) Prevents damage if the positive and negative wires are swapped. --- ## 3. Wiring Diagrams ### MLS-C0-R (2-Wire System) The Reed type functions like a simple switch. It is wired in series with the load. ```text [ Brown Wire ] -------- (+) Power Source [ Blue Wire ] -------- (Load) -------- (-) Ground/Neutral ``` ### MLS-C0-Q (3-Wire System) The Solid State type requires power to operate the internal transistor. 1. **Brown:** Positive (+V) 2. **Blue:** Negative (0V) 3. **Black:** Output Signal (to PLC or Relay) --- ## 4. Key Electronic Differences * **Durability:** The **-Q** (Solid State) is electronically superior for high-frequency applications because it doesn't suffer from "contact bounce" or mechanical wear. * **Leakage Current:** The **-R** (Reed) has zero leakage current when open. The **-Q** has a very small leakage current due to the transistor's idle state. * **Application:** Use **-R** for simple circuits and AC/DC flexibility; use **-Q** for high-speed PLC inputs and environments with high vibration.
    ✨ Follow-up Questions
    • ⤷ What are the mounting requirements for MLS-C0 sensors on pneumatic cylinders?
    • ⤷ How do I troubleshoot a sensor that has its LED on but no output signal?
    • ⤷ What is the difference between NPN and PNP configurations in the MLS-C0-Q model?