データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MLS-C2-R/E

  • AI
    The **MLS-C2-R/E** is a specific model of an electronic magnetic sensor, typically used in industrial automation for cylinder position sensing or door/gate security monitoring. --- ### 1. General Specifications The MLS series usually refers to **Magnetic Proximity Sensors**. The "R" and "E" suffixes often denote specific wiring configurations or output types. | Feature | Description | | :--- | :--- | | **Sensor Type** | Magnetic Reed Switch or Solid State Hall Effect | | **Sensing Distance** | Typically 5mm to 15mm (depending on magnet strength) | | **Operating Voltage** | 5V - 240V AC/DC (for Reed types) | | **Output State** | Normally Open (NO) | | **Switching Current** | Max 100mA - 500mA | --- ### 2. Internal Electronic Components The device consists of several key electronic elements housed within the casing: #### A. The Sensing Element * **Reed Switch (Mechanical):** Contains two ferromagnetic blades (reeds) in a glass envelope. When a magnetic field approaches, the reeds pull together to complete the circuit. * **Hall Effect Sensor (Electronic):** A semiconductor that produces a voltage change when exposed to a magnetic field. This version is more durable as it has no moving parts. #### B. Protection Circuitry To ensure the longevity of the sensor, the following components are integrated: 1. **LED Indicator:** A small Light Emitting Diode used to provide visual feedback when the sensor is triggered. 2. **Resistor:** Limits the current flowing through the LED to prevent burnout. 3. **Varistor/Zener Diode:** Protects the internal switch from voltage spikes (EMF) caused by inductive loads like relay coils. #### C. Housing and Connection * **Casing:** Usually made of PBT (Polybutylene terephthalate) or Stainless Steel for environmental protection. * **Cable:** Multi-core PVC or PUR cable (typically Brown for V+, Blue for V-, and Black for Output). --- ### 3. Wiring Diagram Logic The **R/E** designation often implies the mounting style or the specific electrical polarity. ```mermaid graph LR A[Power Supply +] --- B(Load/Relay) B --- C{MLS-C2 Sensor} C --- D[Power Supply -] ``` --- ### 4. Comparison of MLS Types | Component Part | MLS-C2-R | MLS-C2-E | | :--- | :--- | :--- | | **Switch Type** | Reed Switch | Electronic/Solid State | | **Life Span** | Finite (Mechanical Wear) | High (No moving parts) | | **Response Time** | Slower (~1ms) | Very Fast (<0.1ms) | | **Voltage Range** | Broad (AC/DC) | Strict (Usually DC only) |
    ✨ Follow-up Questions
    • ⤷What are the specific mounting dimensions for the MLS-C2 series?
    • ⤷ How do I troubleshoot a sensor that stays permanently 'ON'?
    • ⤷ What is the difference between NPN and PNP outputs for this sensor?