データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MLS-DC-R/E

  • AI
    The **MLS-DC-R/E** is a specific type of magnetic sensor, typically used as an elevator leveling switch or a proximity sensor in automation. The "MLS" designation usually refers to a **Magnetic Levitation Switch** or **Magnetic Limit Switch**, while the suffix **DC-R/E** indicates its electrical configuration. --- ### 1. General Specifications The device operates as a non-contact sensor that detects a permanent magnet. It is designed for high reliability in industrial environments where mechanical wear must be avoided. | Parameter | Specification (Typical) | | :--- | :--- | | **Input Voltage** | 10V - 30V DC | | **Output Type** | Reed Switch or Electronic (NPN/PNP) | | **Sensing Distance** | 10mm - 30mm (depending on magnet strength) | | **Response Time** | < 2ms | | **Protection Rating** | IP65 or IP67 (Dust/Waterproof) | | **Operating Temp** | -10°C to +70°C | --- ### 2. Breakdown of the Model Code The part number provides details on the internal electronics and functionality: * **MLS**: Series name (Magnetic Leveling/Limit Switch). * **DC**: Direct Current operation. * **R**: Indicates a **Reed Switch** output. This is a physical contact inside a glass tube that closes when a magnetic field is present. * **E**: Often indicates **Electronic** sensing (Hall Effect) or an **Enhanced** version with LED indicators for status monitoring. --- ### 3. Internal Components & Wiring The internal electronic structure depends on whether it is a 2-wire or 3-wire system. #### Wiring Diagram Logic ```markdown [ Brown ] ---- (+) Positive DC Supply (10-30V) [ Blue ] ---- (-) Negative DC Supply (0V) [ Black ] ---- (Output) Signal to PLC or Controller ``` #### Key Electronic Parts: 1. **Reed Element/Hall Sensor:** The primary detecting component. 2. **Protection Diode:** Prevents damage from reverse polarity. 3. **LED Indicator:** A small surface-mount LED that lights up when the magnet is detected. 4. **Resistor Network:** Limits current to the internal LED and protection circuits. 5. **Encapsulation Resin:** The electronics are usually potted in epoxy to protect against vibration and moisture. --- ### 4. Applications * **Elevators:** Used to detect the exact floor position to ensure the cabin stops level with the floor. * **Pneumatic Cylinders:** Monitoring the position of a piston. * **Safety Interlocks:** Ensuring doors or gates are closed before a machine operates. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the Reed (R) and Electronic (E) versions in terms of lifespan?
    • ⤷ How do I troubleshoot an MLS-DC sensor that is not triggering?
    • ⤷ Can this sensor be used with an AC power supply with a converter?