データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MLV-F-R

  • AI
    The **MLV-F-R** series (often associated with manufacturers like Eaton/Bussmann) refers to a specific type of **Multilayer Varistor (MLV)**. These components are designed to protect sensitive electronic circuits from high-voltage transients and Electrostatic Discharge (ESD). --- ### 1. Technical Specifications Overview The MLV-F-R series is characterized by its surface-mount technology (SMT) design and its ability to handle bidirectional surges. | Parameter | Typical Description | | :--- | :--- | | **Component Type** | Multilayer Varistor (MLV) | | **Material** | Zinc Oxide (ZnO) based Ceramic | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Response Time** | Extremely Fast (< 1 nanosecond) | | **Polarity** | Bidirectional (Non-polar) | | **Termination** | Nickel barrier with tin plating (RoHS compliant) | ### 2. Key Features * **ESD Protection:** Designed specifically to meet IEC 61000-4-2 standards for electrostatic discharge. * **Low Leakage Current:** Minimizes power consumption during normal "standby" operation. * **High Peak Current:** Despite their small size, they can withstand significant peak pulse currents. * **Space Saving:** Available in standard EIA chip sizes (e.g., 0402, 0603, 1206), making them ideal for high-density PCB layouts. ### 3. Functional Mechanism The MLV functions as a **voltage-clamping device**. * **Normal Operation:** The device acts as a high-impedance (near open-circuit) component, allowing data or power signals to pass unaffected. * **Transient Event:** When a voltage spike exceeds the "Varistor Voltage" ($V_v$), the internal resistance drops instantly. * **Clamping:** The device shunts the excess energy to ground, clamping the voltage to a level that the protected IC can safely withstand. ### 4. Common Applications Due to their compact nature and high reliability, MLV-F-R parts are found in: 1. **Consumer Electronics:** Smartphones, tablets, and laptops (USB, HDMI, and audio ports). 2. **Automotive:** Infotainment systems and sensor protection. 3. **Industrial:** PLC input/output protection and power supply lines. 4. **Data Communications:** Network cards and high-speed bus lines. --- ### 5. Identification Code Breakdown Typically, the part numbering follows this logic: `MLV - [Size] - [Voltage/Rating] - [Packaging/RoHS]` * **MLV:** Multilayer Varistor * **F:** Often denotes "Fast" response or a specific series variation. * **R:** Usually indicates **RoHS Compliant** or Tape & Reel packaging. ---
    ✨ Follow-up Questions
    • ⤷How do I select the correct clamping voltage for an MLV-F-R device?
    • ⤷ What are the primary differences between an MLV and a TVS diode?
    • ⤷ Which package sizes are most common for the MLV-F-R series?