データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MLV-Z-R/E

  • AI
    The **MLV-Z-R/E** is a specific model within a series of **Multi-Layer Varistors (MLVs)**. These components are surface-mount devices (SMD) designed to protect sensitive electronic circuits from electrostatic discharge (ESD) and voltage transients. ### 1. Component Overview An MLV is a voltage-dependent resistor. Under normal operating voltages, it remains in a high-impedance state (acting like an open circuit). When a high-voltage spike occurs, the resistance drops instantly, shunting the excess energy to the ground. --- ### 2. Key Technical Specifications While exact values depend on the specific sizing (e.g., 0402, 0603 packages), the "Z" series typically adheres to these characteristics: | Parameter | Description | | :--- | :--- | | **Working Voltage (VDC)** | The maximum continuous DC voltage the part can handle without triggering. | | **Clamping Voltage** | The maximum voltage across the varistor when subjected to a specific peak pulse current. | | **Capacitance** | Often optimized for high-speed data lines to prevent signal distortion. | | **Response Time** | Typically sub-nanosecond (<1ns), providing instant ESD protection. | | **Operating Temp** | Usually rated for $-40^\circ\text{C}$ to $+125^\circ\text{C}$. | --- ### 3. Decoding the Part Number The suffix **-R/E** usually refers to the packaging and environmental compliance standards: * **R:** Generally indicates "Tape and Reel" packaging for automated pick-and-place assembly. * **E:** Often signifies **RoHS Compliance** (Lead-free) or specific environmental certifications. * **MLV-Z:** Identifies the "Z-Series," which is typically marketed for high-reliability applications or specific low-capacitance requirements. --- ### 4. Circuit Application In a typical circuit, the MLV is placed in parallel with the line being protected. ```mermaid graph LR A[Input Signal/Power] --> B[MLV-Z Varistor] B --> C[Ground/VSS] A --> D[Protected IC/Microcontroller] ``` ### 5. Primary Uses 1. **I/O Port Protection:** Used on USB, HDMI, or Ethernet ports to prevent damage from human touch (ESD). 2. **Power Supply Decoupling:** Protection against switching transients in DC-DC converters. 3. **Automotive Electronics:** Protection against "Load Dump" or ignition system noise. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum clamping voltage for the MLV-Z series?
    • ⤷ How does an MLV differ from a TVS diode in terms of performance?
    • ⤷ What package sizes are available for the MLV-Z-R/E?