データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MLZ2012DR10DT000

  • AI
    The **MLZ2012DR10DT000** is a high-performance multilayer ferrite inductor manufactured by **TDK Corporation**. It is specifically designed for use in decoupling circuits and power lines in mobile devices, consumer electronics, and automotive infotainment systems. --- ## 1. Technical Specifications The following table highlights the primary electrical and physical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.1 µH (100 nH) | | **Tolerance** | ±20% | | **DC Resistance (DCR)** | 0.10 Ω (Typical) | | **Rated Current (Isat/Itemp)** | 700 mA | | **Self-Resonant Frequency** | 550 MHz (Minimum) | | **Operating Temperature** | -55°C to +125°C | | **Package / Case** | 0805 (2012 Metric) | | **Dimensions** | 2.00mm x 1.25mm x 0.85mm | --- ## 2. Key Features and Construction ### Multilayer Ferrite Technology Unlike wire-wound inductors, this part is constructed using alternating layers of ferrite paste and conductive internal electrodes. This results in: * **High Reliability:** No external wires to break or short. * **Magnetic Shielding:** The closed magnetic circuit structure minimizes EMI (Electromagnetic Interference) and crosstalk with surrounding components. ### "DR" Characteristic The "DR" designation in the part number indicates a **Low DC Resistance** type. This series is optimized to handle higher currents with minimal power loss compared to standard multilayer inductors, making it suitable for power supply lines. --- ## 3. Applications The MLZ2012 series is versatile but primarily used in the following scenarios: 1. **Power Line Decoupling:** Removing high-frequency noise from DC power rails in smartphones and tablets. 2. **Audio Circuits:** Used in the power supply lines of audio amplifiers to prevent noise interference. 3. **Digital IC Support:** Providing stable current to high-speed digital processors. --- ## 4. Part Number Breakdown | Segment | Meaning | | :--- | :--- | | **MLZ** | Multilayer Inductor for Power Lines | | **2012** | Dimensions (2.0mm x 1.25mm) | | **D** | Internal code for material characteristics | | **R10** | Inductance Value (R10 = 0.10 µH) | | **D** | Tolerance (D = ±20% in this specific series context) | | **T000** | Packaging code (typically Taping/Reel) | ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the MLZ and MLM series from TDK?
    • ⤷ How does the DC bias characteristic affect the inductance of this part?
    • ⤷ Can this inductor be used in high-frequency RF matching circuits?