データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MLZ2012DR22DT

  • AI
    ## Overview of MLZ2012DR22DT The **MLZ2012DR22DT** is a high-performance multilayer ferrite inductor manufactured by **TDK Corporation**. It is part of the MLZ series, specifically designed for decoupling circuits in power lines. These components are characterized by their high impedance across a wide frequency range and their compact surface-mount (SMT) form factor. --- ### Technical Specifications The following table summarizes the key electrical and physical characteristics of the component: | Parameter | Value / Specification | | :--- | :--- | | **Inductance** | 0.22 µH | | **Tolerance** | ±20% | | **DC Resistance (DCR)** | 0.07 Ω (70 mΩ) Typical | | **Rated Current** | 1200 mA (1.2 A) | | **Case Size (EIA/Metric)** | 0805 / 2012 | | **Dimensions (L x W x T)** | 2.00mm x 1.25mm x 1.25mm | | **Operating Temperature** | -55°C to +125°C | | **Material Type** | Ferrite | --- ### Key Features and Construction 1. **Multilayer Technology**: Unlike wire-wound inductors, this part is constructed by layering ceramic/ferrite sheets and conductive paste. This results in a rugged, monolithic structure with excellent reliability. 2. **Low DC Resistance**: Despite its small size, it maintains low DCR, which minimizes power loss and heat generation, making it ideal for battery-powered devices. 3. **Magnetic Shielding**: The multilayer structure provides inherent magnetic shielding, which prevents electromagnetic interference (EMI) with surrounding components. 4. **DC Superposition Characteristics**: The "D" type material used in this specific part (MLZ...**D**) is optimized for high current applications where the inductance must remain stable even when a high DC current is applied. --- ### Common Applications * **Smartphones and Tablets**: Used in power management IC (PMIC) lines to filter noise. * **Decoupling**: Providing clean power to digital processors and high-speed memory. * **Portable Electronics**: Any device requiring high current capacity in a small footprint. * **Audio Equipment**: Suppressing high-frequency noise in sensitive signal paths. --- ### Comparison with Other Series | Feature | MLZ Series (Decoupling) | MLG Series (High Q) | | :--- | :--- | :--- | | **Primary Use** | Power Line Noise Filtering | RF Signal Matching | | **Current Handling** | High | Low | | **Impedance** | High at lower frequencies | High at GHz frequencies |
    ✨ Follow-up Questions
    • ⤷ What are the specific soldering temperature profiles recommended for the MLZ2012 series?
    • ⤷ How does the inductance of the MLZ2012DR22DT change as the DC current increases?
    • ⤷ Can this inductor be used in high-frequency RF matching circuits?