データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MLZ2012M1R5HTD25

  • AI
    The **MLZ2012M1R5HTD25** is a high-performance multilayer ferrite inductor manufactured by **TDK Corporation**. It belongs to the MLZ series, which is specifically designed for decoupling circuits and power lines in mobile devices and various consumer electronics. --- ## 1. Technical Specifications The following table summarizes the key electrical and physical parameters of this component: | Parameter | Specification | | :--- | :--- | | **Inductance** | 1.5 µH | | **Tolerance** | ±20% | | **DC Resistance (DCR)** | 0.12 Ω (±30%) | | **Rated Current (Isat/Itemp)** | 700 mA | | **Self-Resonant Frequency** | 120 MHz | | **Package / Case** | 0805 (2012 Metric) | | **Dimensions (L x W x T)** | 2.00mm x 1.25mm x 1.25mm | | **Operating Temperature** | -55°C to +125°C | --- ## 2. Key Features and Construction ### Multilayer Ferrite Technology Unlike wire-wound inductors, this part is constructed by layering ceramic ferrite material and internal conductive coils. This results in: - **Magnetic Shielding:** The closed magnetic path prevents electromagnetic interference (EMI) with surrounding components. - **Compactness:** High inductance values are achieved in a small 0805 footprint. ### Power Line Optimization The "MLZ" series is optimized for low DC resistance compared to standard signal-line inductors. This allows it to handle higher currents (up to 700mA) without excessive heat generation, making it ideal for power supply decoupling. ### High Reliability The "H" in the part number often signifies high reliability or automotive-grade characteristics (though checking the specific datasheet for AEC-Q200 compliance is recommended for automotive use). --- ## 3. Common Applications The MLZ2012M1R5HTD25 is primarily used in the following scenarios: 1. **Smartphones and Tablets:** Used in power supply lines for the application processor and communication modules. 2. **DC-DC Converters:** Acts as an output filter to smooth voltage ripples. 3. **Noise Suppression:** Effective at removing high-frequency noise in digital circuits to prevent data corruption. 4. **Audio Circuits:** Used to isolate power supply noise from sensitive analog audio components. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the MLZ and MLM series from TDK?
    • ⤷ Can this inductor be used in automotive AEC-Q200 environments?
    • ⤷ How does the DC bias characteristic affect the 1.5uH inductance value?