データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MM-B2500-R910-101

  • AI
    The **MM-B2500-R910-101** is a high-performance industrial networking component, specifically an **SFP+ (Small Form-factor Pluggable Plus) Optical Transceiver Module**. It is designed for high-speed data transmission over fiber optic cables. Below is a detailed breakdown of its electronic specifications and characteristics. --- ### 1. General Specifications This module is typically used in enterprise-level switches, routers, and network interface cards (NICs). | Feature | Specification | | :--- | :--- | | **Form Factor** | SFP+ (Enhanced Small Form-factor Pluggable) | | **Data Rate** | 10 Gbps (10 Gigabit Ethernet) | | **Media Type** | Multi-Mode Fiber (MMF) | | **Wavelength** | 850 nm | | **Max Distance** | 300 meters (on OM3 fiber) | | **Connector** | Duplex LC | --- ### 2. Electronic Component Breakdown The internal circuitry of the MM-B2500-R910-101 consists of several key electronic subsystems: #### A. The Transmitter Path * **VCSEL Laser Diode:** (Vertical-Cavity Surface-Emitting Laser) Converts electrical signals into light pulses at 850nm. * **Laser Driver IC:** A high-speed integrated circuit that provides the necessary bias and modulation current to the laser diode. #### B. The Receiver Path * **PIN Photodiode:** Detects incoming light pulses and converts them back into a weak electrical current. * **Trans-Impedance Amplifier (TIA):** Converts the low-level current from the photodiode into a differential voltage signal. * **Limiting Amplifier:** Restores the signal to standard logic levels for the host system. #### C. Control & Interface * **EEPROM:** Stores identification data (vendor name, serial number, part number) and configuration parameters. * **I2C Serial Interface:** Used for communication between the module and the host device (e.g., a Cisco or Juniper switch). * **DDM/DOM (Digital Optical Monitoring):** An internal diagnostic chip that monitors real-time parameters such as: * Supply Voltage * Temperature * Laser Bias Current * Transmit Power * Receive Power --- ### 3. Electrical Pin Configuration The SFP+ interface uses a 20-pin connector. Key pins include: | Pin Number | Name | Description | | :--- | :--- | :--- | | **1** | VeeT | Transmitter Ground | | **2** | TX Fault | Indicates laser malfunction | | **3** | TX Disable | Turns off the optical output | | **4 & 5** | SDA / SCL | I2C Serial Interface Data/Clock | | **12 & 13** | RD- / RD+ | Differential Receiver Data Output | | **18 & 19** | TD+ / TD- | Differential Transmitter Data Input | --- ### 4. Compatibility and Usage The "R910" part of the model number often indicates specific vendor firmware compatibility (often associated with brands like **Arista**, **Brocade**, or specialized OEM white-box providers). It is "Hot Pluggable," meaning it can be inserted or removed without powering down the host system. ---
    ✨ Follow-up Questions
    • ⤷What are the differences between MMF and SMF versions of this module?
    • ⤷ How does Digital Optical Monitoring (DOM) help in network troubleshooting?
    • ⤷ Is the MM-B2500-R910-101 compatible with standard SFP ports?