データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MM1663A

  • AI
    ## Overview of the MM1663A The **MM1663A** is a specialized integrated circuit (IC) primarily designed as a **Monolithic IC for Video Signal Switching**. Manufactured by Mitsumi (now part of MinebeaMitsumi), it is commonly used in consumer electronics like DVD players, set-top boxes, and television sets to route analog video signals between different inputs and outputs. --- ### 1. Key Technical Specifications The MM1663A is known for its high-speed switching capabilities and low power consumption. | Parameter | Value / Description | | :--- | :--- | | **Function** | 3-Circuit, 2-Input Video Switch | | **Operating Voltage** | 4.5V to 5.5V | | **Frequency Response** | Typically 10MHz (within ±1dB) | | **Crosstalk** | -60dB or less (at 4.43MHz) | | **Consumption Current** | ~11.5mA | | **Package Type** | SOP-16 (Small Outline Package) | --- ### 2. Internal Block Diagram & Logic The IC consists of three independent channels. Each channel can switch between two inputs (A or B) to a single output. #### Switching Logic The selection of the input is controlled by a DC voltage applied to the **Control Pin (CTL)**. * **Logic Low (0V to 1.0V):** Selects Input A. * **Logic High (2.0V to Vcc):** Selects Input B. --- ### 3. Pin Configuration (SOP-16) Below is a typical pinout representation for the MM1663A: | Pin No. | Name | Description | | :--- | :--- | :--- | | 1 | **Vcc** | Power Supply (Typically 5V) | | 2, 5, 8 | **In A** | Video Input A for Channels 1, 2, and 3 | | 4, 7, 10 | **In B** | Video Input B for Channels 1, 2, and 3 | | 3, 6, 9 | **CTL** | Control Pins for switching logic | | 13, 14, 15 | **OUT** | Video Outputs for Channels 1, 2, and 3 | | 16 | **GND** | Ground | --- ### 4. Application Circuit Features When integrating the MM1663A into an electronic design, several "parts" or peripheral considerations are necessary: 1. **Coupling Capacitors:** Video signals usually require 10μF to 100μF electrolytic capacitors at the inputs and outputs to block DC offsets. 2. **Power Supply Decoupling:** A 0.1μF ceramic capacitor should be placed close to the Vcc pin to filter high-frequency noise. 3. **Termination:** To maintain signal integrity and prevent reflections, the inputs and outputs are typically terminated with 75Ω resistors. ### 5. Common Use Cases * **Scart Connectors:** Switching between TV internal signals and external VCR/DVD inputs. * **AV Selectors:** Manual or remote-controlled boxes that allow one TV to connect to multiple consoles. * **Security Systems:** Switching between multiple analog camera feeds to a single monitor. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum frequency range supported by the MM1663A for high-definition signals?
    • ⤷ How does the MM1663A compare to the MM1111 series in terms of performance?
    • ⤷ Can the MM1663A be used for digital signals or is it strictly analog?