データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MM1663B

  • AI
    ## Overview of the MM1663B The **MM1663B** is a high-performance, monolithic integrated circuit designed primarily as a **Video Amplifier** with a built-in low-pass filter (LPF). It is commonly used in consumer electronics to process and amplify video signals (Composite, Y/C, or RGB) before they are output to a display or external device. --- ### 1. Key Internal Components The internal architecture of the MM1663B consists of several specialized electronic stages: | Component | Function | | :--- | :--- | | **Input Buffer** | Provides high input impedance to prevent loading the signal source. | | **Low Pass Filter (LPF)** | A 5th or 6th order Butterworth filter used to remove high-frequency noise and clock aliases. | | **6dB Amplifier** | A fixed-gain stage that doubles the signal voltage (compensating for output termination losses). | | **SAG Correction** | A circuit that allows for smaller output coupling capacitors while maintaining low-frequency response. | | **Power Save Circuit** | Reduces current consumption when the device is not in active use. | --- ### 2. Technical Specifications The electrical characteristics define how the part behaves within a circuit: | Parameter | Specification (Typical) | | :--- | :--- | | **Supply Voltage ($V_{CC}$)** | 4.5V to 5.5V | | **Frequency Response** | 6.75 MHz (-0.1 dB) / 27 MHz (-35 dB) | | **Voltage Gain** | +6.0 dB | | **Supply Current** | 7.0 mA (Typ) | | **Power Saving Current** | Less than 1.0 $\mu$A | | **Package Type** | SOT-26 / SON-6 | --- ### 3. Application Circuitry When designing with the MM1663B, specific external components are required for stability and signal integrity: * **Input Capacitor:** Usually a **0.1μF** ceramic capacitor for AC coupling. * **Output Capacitor:** A **220μF** electrolytic capacitor is standard, though the **SAG correction** pin can be used to reduce this value. * **Termination Resistor:** A **75Ω** resistor is placed in series with the output to match standard video impedance. --- ### 4. Common Use Cases The MM1663B is frequently found in: 1. **Digital Still Cameras (DSC):** Filtering the DAC output before the TV-out jack. 2. **DVD Players / Set-Top Boxes:** Smoothing video signals for analog RCA outputs. 3. **Portable Media Players:** Providing clean video output while conserving battery via the power-save pin.
    ✨ Follow-up Questions
    • ⤷ What is the purpose of the SAG correction pin in this IC?
    • ⤷ How does the power-save mode affect current consumption?
    • ⤷ What is the cut-off frequency of the internal low-pass filter?