データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MMA02040C3JB0

  • AI
    ### Detailed Overview of MMA02040C3JB0 The **MMA02040C3JB0** is a specific part number for a high-performance **MELF (Metal Electrode Leadless Face)** resistor manufactured by **Vishay Beyschlag**. It belongs to the **MMA 0204** series, which is renowned for its reliability and precision in demanding environments. --- ### 1. Technical Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Vishay Beyschlag | | **Component Type** | MELF Resistor (Professional Series) | | **Case Code** | 0204 (Equivalent to SMD 1206 length) | | **Resistance Value** | 3.3 MΩ (Megaohms) | | **Tolerance** | ± 5% (indicated by 'J' in the part number) | | **Power Rating** | 0.4 W (at 70°C) | | **Temperature Coefficient** | ± 50 ppm/K | | **Operating Voltage** | 200 V (Maximum) | | **Operating Temp Range** | -55°C to +155°C | --- ### 2. Part Number Breakdown Understanding the nomenclature helps identify the exact characteristics of the component: * **MMA**: Series name (Professional MELF Resistor). * **0204**: Size/Case dimension (3.6 mm length × 1.4 mm diameter). * **0C**: Temperature coefficient (50 ppm/K). * **3304**: (Encoded in the internal logic) Represents the resistance value. * **J**: Tolerance code (± 5%). * **B0**: Packaging code (typically refers to bulk or specific reel quantities). --- ### 3. Key Features & Advantages * **MELF Design:** Unlike standard flat thick-film resistors, the cylindrical MELF design provides superior thermal dissipation and pulse load stability. * **Long-Term Stability:** These resistors exhibit extremely low drift over their lifetime, typically less than 0.5% after 1,000 hours of operation. * **Sulfur Resistance:** Designed to withstand harsh atmospheric conditions, making them ideal for industrial and automotive applications. * **High Reliability:** Often used in circuits where failure is not an option, such as lighting ballasts, telecommunications, and medical equipment. --- ### 4. Common Applications 1. **Industrial Electronics:** Used in sensors, industrial controls, and power supplies where precision and stability are required. 2. **Automotive:** Suitable for Engine Control Units (ECUs) and lighting systems due to their robustness against vibrations and temperature fluctuations. 3. **Measurement Equipment:** High-resistance values like 3.3 MΩ are often used in voltage dividers or high-impedance input stages. ---
    ✨ Follow-up Questions
    • ⤷ What is the physical difference between a MELF resistor and a standard SMD chip resistor?
    • ⤷Can this resistor be used in high-voltage pulse applications?
    • ⤷What are the soldering recommendations for the 0204 MELF package?