データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MMA02040Z3JB2

  • AI
    ## Technical Analysis of MMA02040C/Z Series (Vishay Beyschlag) The **MMA02040Z3JB2** (part of the MMA 0204 series) is a high-performance **MELF** (Metal Electrode Leadless Face) resistor. These components are preferred over standard thick-film chip resistors in applications requiring high reliability, stability, and pulse load capability. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Package Style** | MELF (0204 / DIN: 0204) | | **Resistance Value** | Determined by the 5th/6th digit (Z3 indicates specific coding/jumper) | | **Tolerance** | Typically ±5% (indicated by 'J') | | **Power Rating** | 0.4 W (at 70°C) | | **Voltage Rating** | 200 V | | **Temperature Coefficient** | ±50 ppm/K (Standard for professional series) | | **Operating Temperature** | -55°C to +155°C | --- ### 2. Physical Construction and Technology The MMA0204 series is manufactured using **Thin Film Technology**. Unlike standard SMD resistors, MELF resistors have a cylindrical body. * **Substrate:** High-grade ceramic. * **Resistive Layer:** A metal alloy film is deposited onto the ceramic body. * **Terminations:** Pure tin plating on a nickel barrier layer, providing excellent solderability. * **Protection:** A specialized protective coating ensures environmental resistance and high insulation. --- ### 3. Advantages of MELF Resistors The "Z" series and MELF construction offer several advantages over standard flat chip (thick film) resistors: 1. **Pulse Loading:** The cylindrical shape provides a larger volume of resistive material, allowing it to handle power surges and pulses much better than flat chips. 2. **Long-Term Stability:** They exhibit extremely low drift (change in resistance) over thousands of hours of operation. 3. **Moisture Resistance:** Superior performance in humid environments (often tested via 85/85 tests). 4. **Low Noise:** Thin film technology results in much lower current noise compared to thick film components. --- ### 4. Typical Applications * **Automotive:** Engine control units (ECUs), lighting systems, and safety electronics. * **Industrial:** Power inverters, measurement equipment, and PLC controllers. * **Telecommunications:** Base stations and infrastructure hardware. * **Medical:** Diagnostic equipment requiring high precision. ---
    ✨ Follow-up Questions
    • What is the difference between MELF and standard SMD 0805 resistors?
    • How do I interpret the full Vishay part numbering system for this series?
    • Can this component be used in high-frequency RF applications?