データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MMB02070D3JB0

  • AI
    The **MMB02070D3JB0** is a professional-grade **MELF (Metal Electrode Leadless Face)** resistor manufactured by Vishay Beyschlag. It is designed for high-reliability applications where stability and precision are critical. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its electronic characteristics: | Parameter | Specification | | :--- | :--- | | **Series** | MMB 0207 (Professional MELF) | | **Resistance Value** | 3.3 MΩ (Megaohms) | | **Tolerance** | ± 0.5% | | **Power Rating ($P_{70}$)** | 1.0 Watt | | **Temperature Coefficient** | ± 25 ppm/K | | **Maximum Operating Voltage** | 350 V | | **Operating Temperature Range** | -55°C to +155°C | --- ### 2. Key Physical Features * **MELF Design:** Unlike standard flat SMD chip resistors, MELF resistors are cylindrical. This shape provides superior thermal distribution and mechanical robustness. * **Termination:** It features pure tin plating on a nickel barrier layer, making it compatible with lead-free (Pb-free) and lead-containing soldering processes. * **Case Size:** 0207 (approx. 5.8 mm in length and 2.2 mm in diameter). --- ### 3. Advantages Over Standard Chip Resistors The MMB0207 series is chosen over standard thick-film resistors for several reasons: 1. **Pulse Load Capability:** The cylindrical thin-film construction allows for much better handling of high-energy pulses and surges. 2. **Long-term Stability:** It offers extremely low drift over thousands of hours of operation (typically $< 0.1\%$ after 1000h). 3. **Moisture Resistance:** The specialized lacquer coating provides excellent protection against humid environments. 4. **Low Noise:** Thin-film technology ensures very low current noise, which is vital for precision measurement circuits. --- ### 4. Common Applications Due to its high precision and reliability, the MMB02070D3JB0 is typically found in: * **Industrial Electronics:** Power inverters, sensors, and high-voltage industrial controls. * **Automotive:** Engine control units (ECUs), braking systems (ABS), and battery management. * **Telecommunications:** Base station equipment and power supplies. * **Medical:** Diagnostic equipment requiring high-stability signal paths.
    ✨ Follow-up Questions
    • ⤷ How does the MELF package compare to standard 0805 or 1206 SMD resistors in terms of thermal performance?
    • ⤷ What is the specific meaning of the 'D3' code in the Vishay part numbering system?
    • ⤷ Are there specific soldering precautions required for MELF components to prevent rolling?