MMBT5401-AE3-R
AI

## MMBT5401-AE3-R: Electronic Specifications and Details
The **MMBT5401-AE3-R** is a high-voltage PNP epitaxial silicon transistor designed for general-purpose switching and amplification applications. It is the surface-mount (SMD) equivalent of the popular 2N5401 through-hole transistor.
---
### 1. Key Technical Specifications
Below are the primary electrical characteristics of the device:
| Parameter | Symbol | Maximum Rating | Unit |
| :--- | :--- | :--- | :--- |
| **Collector-Base Voltage** | $V_{CBO}$ | -160 | V |
| **Collector-Emitter Voltage** | $V_{CEO}$ | -150 | V |
| **Emitter-Base Voltage** | $V_{EBO}$ | -5.0 | V |
| **Collector Current (DC)** | $I_C$ | -600 | mA |
| **Total Device Dissipation** | $P_D$ | 350 | mW |
| **Operating Temperature** | $T_J$ | -55 to +150 | °C |
---
### 2. Physical and Packaging Information
The "AE3-R" suffix typically refers to the package type and reel tape specifications provided by the manufacturer (often UTC - Unisonic Technologies).
* **Package Type:** SOT-23 (Small Outline Transistor)
* **Mounting Type:** Surface Mount (SMD)
* **Pinout:**
1. **Base**
2. **Emitter**
3. **Collector**
---
### 3. Electrical Performance (Typical)
* **DC Current Gain ($h_{FE}$):** Typically ranges from 60 to 240, depending on the collector current.
* **Current Gain Bandwidth ($f_T$):** 100 to 300 MHz, making it suitable for high-frequency signal processing.
* **Saturation Voltage ($V_{CE(sat)}$):** Low saturation (approx. -0.2V to -0.5V), which ensures efficiency in switching states.
---
### 4. Common Applications
Due to its high voltage rating, this transistor is frequently used in the following circuits:
1. **High Voltage Switching:** Controlling loads that exceed the voltage limits of standard transistors (e.g., small motors, relays).
2. **Audio Amplifiers:** Used in the driver stages or input stages of power amplifiers.
3. **Telecom Equipment:** High-voltage line interface circuits.
4. **Signal Processing:** General amplification in circuits where high rails are present.
---
### 5. Complementary Part
The **MMBT5401** (PNP) is often paired with the **MMBT5551** (NPN) for push-pull amplifier configurations and complementary switching circuits.
- ⤷
What is the difference between MMBT5401 and 2N5401?
- ⤷ Can this transistor be used in a 240V AC rectification circuit?
- ⤷ What is the importance of the SOT-23 thermal dissipation in this part?