データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MMDT8050SL-AL6-R

  • AI
    ### Technical Overview of MMDT8050SL-AL6-R The **MMDT8050SL-AL6-R** is a specialized semiconductor device, specifically a **Dual NPN Silicon Epitaxial Planar Transistor**. It is designed for general-purpose switching and amplification applications where space-saving is a priority. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics and absolute maximum ratings for the device: | Parameter | Symbol | Rating | Unit | | :--- | :--- | :--- | :--- | | **Collector-Base Voltage** | $V_{CBO}$ | 40 | V | | **Collector-Emitter Voltage** | $V_{CEO}$ | 25 | V | | **Emitter-Base Voltage** | $V_{EBO}$ | 6 | V | | **Collector Current (DC)** | $I_C$ | 1.5 | A | | **Total Power Dissipation** | $P_D$ | 200 | mW | | **DC Current Gain** | $h_{FE}$ | 120 - 400 | - | | **Transition Frequency** | $f_T$ | 150 (Min) | MHz | --- ### 2. Physical and Packaging Details * **Package Type:** SOT-363 (also known as SC-88). * **Configuration:** Dual Transistor. It contains two independent NPN transistors within a single small-outline package. * **Lead-Free Status:** Usually compliant with RoHS standards (indicated by the suffix/part number structure). * **Pinout:** Typically features 6 pins, where each transistor has its own Base, Emitter, and Collector. --- ### 3. Internal Circuit Structure The internal layout allows for high-density PCB designs. Because it is a "Dual" part, it is often used in push-pull stages or as two independent switches. ```mermaid graph TD subgraph SOT-363 Package T1_C[Collector 1] --- T1[NPN Transistor 1] T1_B[Base 1] --- T1 T1_E[Emitter 1] --- T1 T2_C[Collector 2] --- T2[NPN Transistor 2] T2_B[Base 2] --- T2 T2_E[Emitter 2] --- T2 end ``` --- ### 4. Common Applications * **Switching:** Used as a digital switch to drive small relays, LEDs, or motors. * **Amplification:** Audio frequency (AF) amplification and signal processing. * **Power Management:** Low-side switching in battery-powered handheld devices. * **Logic Level Shifting:** Converting signals between different voltage domains. --- ### 5. Identification and Suffixes * **MMDT:** Dual Transistor Series. * **8050:** The base transistor type (high-current NPN). * **SL:** Low saturation voltage characteristics. * **AL6:** Internal manufacturer code for package/lead-frame variation. * **-R:** Generally indicates "Tape and Reel" packaging for automated assembly.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent PNP complementary pairs for the MMDT8050SL?
    • ⤷ How does the power dissipation change when both transistors are active simultaneously?
    • ⤷ What is the typical saturation voltage (VCE sat) at 500mA?