データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MMLS-3A1-R

  • AI
    The **MMLS-3A1-R** is a high-performance, ultra-compact magnetic linear encoder system typically manufactured by **Magnescale** (formerly Sony Precision Technology). This sensor is designed for high-resolution position feedback in industrial automation and precision machining. --- ### 1. Key Technical Specifications The following table outlines the core electronic and mechanical parameters of the MMLS-3A1-R: | Parameter | Specification | | :--- | :--- | | **Sensor Type** | Magnetic Linear Encoder (Reader Head) | | **Output Signal** | A/B Phase (Differential Line Driver, RS-422) | | **Resolution** | Down to 0.1 $\mu$m (depends on interpolator/controller) | | **Supply Voltage** | DC 5V ± 5% | | **Current Consumption** | Max 150 mA | | **Max Response Speed** | 200 m/min (varies by resolution setting) | | **Connector Type** | Round 12-pin or specialized interface connector | --- ### 2. Core Electronic Components & Functions The device functions as a "Reader Head" that travels over a magnetic scale. Its internal electronics consist of three main stages: #### A. Magnetoresistive (MR) Sensor Array The head contains an array of MR elements. When the head moves over the magnetic scale (which has alternating North/South poles), the magnetic field changes the resistance of these elements. This creates a bridge circuit that outputs analog sine and cosine waves. #### B. Signal Conditioning (Pre-Amp) Because the raw signals from the MR elements are weak and susceptible to noise, the internal electronics include a pre-amplifier. This stage: * Stabilizes the signal. * Ensures DC offset correction. * Prepares the signal for interpolation. #### C. Output Circuit (Differential Line Driver) The "R" in the model suffix often refers to the specific output configuration or connector style. The MMLS-3A1-R uses **Differential Line Driver (RS-422)** logic. * **Why it's used:** It transmits both the signal and its inverted counterpart (A and /A, B and /B). * **Benefit:** This provides high noise immunity over long cable lengths by cancelling out common-mode electromagnetic interference (EMI). --- ### 3. Wiring and Interface Logic The MMLS-3A1-R typically follows a standard color-coded or pin-mapped scheme for industrial encoders: 1. **Vcc (Red):** +5V Power Supply. 2. **0V (Black):** Ground. 3. **A / /A (Blue/White):** Incremental Phase A. 4. **B / /B (Yellow/Orange):** Incremental Phase B. 5. **Z / /Z (Green/Brown):** Reference Mark (Index Pulse). 6. **Shield:** Connected to the metal casing for ESD protection. --- ### 4. Application Environments Due to its magnetic (rather than optical) nature, the electronic parts of this sensor are highly resistant to: * **Oil and Coolants:** Unlike optical scales, magnetic fields are not blocked by liquids. * **Dust and Chips:** Ideal for CNC metal cutting environments. * **Vibration:** The solid-state MR sensor is more robust than glass-scale optical systems.
    ✨ Follow-up Questions
    • ⤷What is the compatible magnetic scale part number for the MMLS-3A1-R?
    • ⤷ How do I troubleshoot a 'Signal Low' error on this encoder?
    • ⤷ Can this model be interfaced directly with a PLC high-speed counter?