データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MMZ2012D301BTD25

  • AI
    The **MMZ2012D301BTD25** is a high-performance chip bead (ferrite bead) manufactured by **TDK Corporation**. It is designed for noise suppression in electronic circuits, specifically targeting high-frequency electromagnetic interference (EMI). --- ### 1. Technical Specifications The part number encodes specific characteristics of the component. Below is a breakdown of its technical parameters: | Parameter | Specification | |:---|:---| | **Impedance at 100MHz** | 300 $\Omega$ (±25%) | | **DC Resistance (Max)** | 0.30 $\Omega$ | | **Rated Current** | 400 mA | | **Operating Temperature** | -55°C to +125°C | | **Case Size (EIA/Metric)** | 0805 / 2012 (2.0mm x 1.25mm) | | **Series** | MMZ (Multilayer Chip Bead) | --- ### 2. Part Number Breakdown Understanding the nomenclature helps in identifying its physical and electrical properties: * **MMZ**: Multilayer Chip Bead series. * **2012**: Dimensions (2.0mm length × 1.25mm width). * **D**: Material code (indicated specific frequency characteristics). * **301**: Impedance value ($30 \times 10^1 = 300$ Ohms). * **B**: Internal code / Material designator. * **T**: Packaging (Taping / Reel). * **D25**: Specific characteristic or tolerance marker for high-reliability/automotive tiers. --- ### 3. Key Functions & Applications This component acts as a **low-pass filter**, allowing Direct Current (DC) to pass while providing high resistance (impedance) to high-frequency noise. #### Primary Functions: 1. **Noise Suppression:** It converts high-frequency electromagnetic noise into heat within the ferrite material. 2. **Signal Integrity:** Used to prevent "ringing" in high-speed digital lines. #### Common Applications: * **Consumer Electronics:** Mobile phones, tablets, and portable gaming consoles. * **Automotive:** Infotainment systems and Electronic Control Units (ECUs) where space is limited. * **IT Equipment:** Motherboards, HDD interfaces, and USB line filtering. --- ### 4. Frequency Characteristics The "D" material used in this bead is designed to provide high impedance across a broad frequency range. Unlike a standard inductor, the impedance of this ferrite bead is highly resistive at high frequencies, which prevents resonance issues in the circuit.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the MMZ 'D' and 'S' material types?
    • ⤷ How do I calculate the power dissipation of this bead in a circuit?
    • ⤷ Is this specific part number AEC-Q200 qualified for automotive use?