データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MMZ2012R150A

  • AI
    The **MMZ2012R150A** is a specialized electronic component known as a **Chip Bead** (or Ferrite Bead) manufactured by TDK Corporation. It is primarily used for noise suppression in electronic circuits. --- ### 1. General Specifications This component belongs to the MMZ series, which is designed for general signal line applications. | Parameter | Specification | | :--- | :--- | | **Manufacturer** | TDK Corporation | | **Part Number** | MMZ2012R150A | | **Type** | Ferrite Chip Bead | | **Impedance (at 100MHz)** | 15 $\Omega$ (±25%) | | **DC Resistance (Max)** | 0.05 $\Omega$ | | **Rated Current (Max)** | 1500 mA (1.5A) | | **Operating Temp Range** | -55°C to +125°C | | **Package Size (Metric)** | 2012 (2.0mm x 1.25mm) | | **Package Size (Inch)** | 0805 | --- ### 2. Physical Dimensions The "2012" in the part number refers to its physical dimensions in millimeters. | Dimension | Value (mm) | | :--- | :--- | | Length (L) | 2.00 ± 0.20 | | Width (W) | 1.25 ± 0.20 | | Thickness (T) | 0.85 ± 0.20 | --- ### 3. Key Functions and Characteristics * **Noise Suppression:** It acts as a high-frequency resistor. At low frequencies, it has very low resistance, allowing signals to pass. At high frequencies, it increases impedance to dissipate EMI (Electromagnetic Interference) as heat. * **R-Material Classification:** The "R" in the part number denotes the material type. "R" material is typically used for wideband applications where noise needs to be suppressed across a broad range of frequencies. * **High Current Handling:** With a rated current of 1.5A, this specific model is robust enough for power lines or high-current signal lines compared to standard signal beads. ### 4. Typical Applications The MMZ2012R150A is commonly found in: * **Consumer Electronics:** Smart phones, tablets, and PCs. * **Peripheral Devices:** Printers and external hard drives. * **Signal Lines:** Removing high-frequency noise from data transmission lines to ensure signal integrity. --- ### 5. Part Number Breakdown `MMZ | 2012 | R | 150 | A` 1. **MMZ:** Series Name (Multilayer Chip Bead). 2. **2012:** Dimensions (2.0mm x 1.25mm). 3. **R:** Material code (Wideband frequency characteristics). 4. **150:** Impedance value (15 followed by 0 zeros = 15 $\Omega$). 5. **A:** Characteristic type or packaging code.
    ✨ Follow-up Questions
    • ⤷ What is the difference between R-type and S-type ferrite beads in the MMZ series?
    • ⤷ How does frequency affect the impedance of the MMZ2012R150A?
    • ⤷ Can this component be used in power supply decoupling?