データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MNETR

  • AI
    Based on your inquiry, it appears you are referring to the **MNET-R** (Remote I/O) series, which is a specialized industrial networking protocol and hardware ecosystem developed by **Motionnet**. It is widely used in high-speed motion control and automation systems. Below is an explanation of the electronic components and the architecture of the MNET-R system. --- ### 1. Core Hardware Components The MNET-R system is divided into "Masters" and "Slaves" connected via a high-speed serial bus. | Component | Description | Electronic Function | | :--- | :--- | :--- | | **Master Card** | Usually a PCIe or PCI card installed in an Industrial PC. | Contains a dedicated Motionnet ASIC (Application-Specific Integrated Circuit) to manage timing and data flow. | | **MNET-R Slave Modules** | Remote units distributed across a machine. | Converts network signals into physical electrical signals for I/O or motors. | | **Termination Resistor** | A 120-ohm resistor at the end of the line. | Prevents signal reflection and ensures impedance matching for high-speed data. | --- ### 2. Functional Electronic Sections The internal circuitry of MNET-R modules generally consists of four primary sections: #### A. Communication Controller (ASIC) Unlike Ethernet-based systems that use software stacks, MNET-R uses a **hardware-based ASIC**. This allows for deterministic communication (cyclic polling) without CPU overhead. * **Purpose:** Handles packet encapsulation, error checking (CRC), and node addressing. #### B. Isolation Circuitry To protect the main control system from industrial noise and voltage spikes: * **Optocouplers/Digital Isolators:** Used to electrically separate the communication bus from the I/O power. * **DC-DC Converters:** Provide isolated power to the logic side and the field side. #### C. Physical Layer (RS-422/485 modified) MNET-R typically operates on a high-speed differential signaling physical layer. * **Transceivers:** Convert the digital CMOS logic from the ASIC into differential signals for long-distance transmission (up to 100m). * **Cabling:** Uses Shielded Twisted Pair (STP) Category 5 (or higher) cables. #### D. I/O Interface * **Digital Input:** Filter circuits (RC filters) to debounce signals from sensors. * **Digital Output:** MOSFETs or Power Transistors to drive solenoids, relays, or indicators. --- ### 3. Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Data Rate** | Up to 20 Mbps | | **Max Nodes** | 64 per ring | | **Communication Mode** | Half-duplex RS-485 | | **Refresh Time** | 0.97 ms (for 2048 I/O points at 20 Mbps) | --- ### 4. Typical Connection Diagram ```mermaid graph LR A[PC / Master Card] -- Cat5 Cable -- B[MNET-R 32-DI Module] B -- Cat5 Cable -- C[MNET-R 32-DO Module] C -- Cat5 Cable -- D[MNET-R Axis Module] D -- Terminator -- E[End of Line] ```
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring requirements for MNET-R termination?
    • ⤷ How does MNET-R compare to EtherCAT in terms of latency?
    • ⤷ Can MNET-R modules be used for high-speed analog-to-digital conversion?