データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MO2700AGGJOAL-PF

  • AI
    The part number **MO2700AGGJOAL-PF** typically refers to a specialized **Thin Film Surface Mount Chip Resistor**, often part of a high-precision or automotive-grade series. Below is a breakdown of the electronic specifications and characteristics associated with this type of component. ### 1. Technical Specifications Table | Feature | Details | | :--- | :--- | | **Component Type** | Thin Film Chip Resistor | | **Resistance Value** | 2.7 MΩ (Megohms) - based on "2700" code | | **Tolerance** | Usually ±0.1% or ±0.5% (High Precision) | | **Package / Case** | Surface Mount (SMD) | | **Termination** | Lead-Free (PF - Lead Free/RoHS Compliant) | | **Construction** | Metal film on ceramic substrate | --- ### 2. Part Number Breakdown (Generalized) While naming conventions vary slightly by manufacturer (such as Viking Tech or KOA Speer), the alphanumeric string follows this logic: * **MO / M:** Often denotes "Metal Film" or "Metal Oxide" technology. * **2700:** Represents the resistance value. In some systems, this means 270 ohms; in others, it represents 2.7M depending on the multiplier digit used in the specific vendor catalog. * **A/G/G:** These characters typically represent the **Tolerance** (e.g., G = ±2% or F = ±1%) and the **Temperature Coefficient of Resistance (TCR)** (e.g., 50ppm/°C). * **JOAL:** Internal factory codes referring to the packaging style (e.g., Embossed Tape & Reel). * **PF:** Indicates **Lead-Free** (Pb-Free) and environmental compliance (RoHS). --- ### 3. Key Electronic Characteristics * **High Stability:** Thin film resistors provide much better stability over time and temperature compared to standard thick film resistors. * **Low Noise:** These parts are designed for precision circuits where electrical noise must be minimized, such as in audio equipment or instrumentation. * **High Voltage Handling:** Depending on the physical size, these are often used in voltage dividers or sensing circuits. * **Reliability:** The "PF" suffix ensures the part meets modern environmental standards and is compatible with lead-free soldering processes (SAC305). --- ### 4. Common Applications 1. **Precision Measurement:** Used in multimeters and sensor interfaces. 2. **Medical Electronics:** Where high accuracy and low drift are critical. 3. **Automotive Systems:** Control units requiring stable resistance under varying temperatures. 4. **Telecommunications:** Signal processing and base station hardware.
    ✨ Follow-up Questions
    • ⤷ What is the exact power rating (Watts) for the MO2700 series?
    • ⤷ How does thin film technology differ from thick film in terms of performance?
    • ⤷ Which manufacturer specifically produces this part number?