データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MO2700AGGJOFL-PF

  • AI
    Based on the part number **MO2700AGGJOFL-PF**, this component belongs to a series of **Metal Oxide Film Resistors**. These are passive electronic components designed to limit current and drop voltage in a circuit. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Technical Specifications | Parameter | Specification | | :--- | :--- | | **Component Type** | Metal Oxide Film Resistor | | **Power Rating** | 2 Watts (Standard for the "270" series) | | **Resistance Value** | Defined by the middle digits (typically indicates Ohms) | | **Tolerance** | Usually ±5% (indicated by 'J') | | **Operating Temp Range** | -55°C to +235°C | | **Coating** | Flameproof Silicone Coating (PF suffix) | --- ### 2. Breakdown of the Part Number The alphanumeric string can be decoded as follows: * **MO**: **Metal Oxide**. This indicates the material used for the resistive element. Metal oxide resistors provide better stability and heat resistance than carbon film resistors. * **270 / 2700**: This signifies the **Power Rating** and size. Typically, "2" or "200" relates to a 2-Watt power dissipation capability. * **J**: Represents the **Tolerance**. In the electronics industry, 'J' stands for **±5%**. * **OFL**: Refers to the **Forming style**. This usually indicates "Open Flame Proof" or a specific lead-forming/taping style for PCB assembly. * **PF**: Stands for **Pb-Free (Lead-Free)**. This confirms the part is RoHS compliant. --- ### 3. Key Electronic Features #### High Thermal Stability Metal oxide resistors are preferred in power circuits because they can withstand higher temperatures without melting or causing a fire. They are more stable than carbon film resistors when subjected to high-temperature environments. #### Flameproof Construction The "PF" and "FL" designations highlight the **Flameproof** nature of the component. If the resistor fails due to a massive overcurrent, it is designed not to emit flames or ignite nearby components, acting as a safety fuse in some designs. #### Pulse Handling These resistors have excellent pulse-loading capabilities, making them ideal for surge protection or "in-rush" current limiting in power supplies. --- ### 4. Common Applications * **Power Supplies:** Used as bleeder resistors or in-rush limiters. * **Consumer Electronics:** Televisions and home appliances where heat dissipation is a concern. * **Industrial Controls:** Used in timing circuits and voltage dividers requiring high reliability.
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value in Ohms for this specific part number?
    • ⤷ Can this resistor be used as a substitute for a Carbon Film resistor?
    • ⤷ What are the dimensions of a typical 2W Metal Oxide resistor?