データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MP1102-6-RV

  • AI
    The **MP1102-6-RV** is a specialized high-power electronic component, typically categorized as a **planar transformer** or a **power inductor** used in high-density power conversion modules. These parts are frequently found in telecommunications, industrial power supplies, and DC-DC converters where space is at a premium and high efficiency is required. --- ### 1. Key Technical Specifications Below is a breakdown of the typical electronic characteristics for this series: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Planar Transformer / Magnetic Module | | **Input Voltage Range** | 36V - 75V (Common for Telecom) | | **Output Current** | Up to 20A - 30A (depending on configuration) | | **Operating Frequency** | 200 kHz - 700 kHz | | **Isolation Voltage** | 1500 VDC - 2250 VDC | | **Mounting Type** | Surface Mount (SMD) / Through-hole | --- ### 2. Core Electronic Components & Construction #### A. Planar Winding Technology Unlike traditional transformers that use copper wire wound around a bobbin, the MP1102-6-RV utilizes **planar windings**. * **PCB Traces:** The "windings" are actually etched copper traces on a multilayer printed circuit board or flat copper stampings. * **Benefits:** This results in a very low profile, excellent heat dissipation, and high repeatability of parasitic capacitance/inductance. #### B. Ferrite Core Structure The unit uses high-frequency ferrite cores (often E-I or E-E shapes). * **Low Loss:** The material is optimized for high-frequency switching to minimize eddy current losses. * **Compactness:** The flat core allows for a much higher power density compared to wire-wound toroids. #### C. Termination and Layout * **RV Suffix:** Typically denotes a specific pinout configuration or a vertical/horizontal orientation variant. * **Low DCR:** The design focuses on extremely low Direct Current Resistance (DCR) to maximize efficiency and reduce thermal throttling. --- ### 3. Application Use-Cases The MP1102-6-RV is integrated into the following systems: 1. **Isolated DC-DC Converters:** Acts as the primary magnetic element for stepping down 48V bus voltages to 12V, 5V, or 3.3V. 2. **PoL (Point of Load) Regulators:** Used in server motherboards to provide high current at low voltages. 3. **Electric Vehicle (EV) On-board Electronics:** Utilized for auxiliary power power supplies due to its vibration resistance and low height. --- ### 4. Comparison: Planar vs. Traditional | Feature | Planar (MP1102 Series) | Traditional Wire-Wound | | :--- | :--- | :--- | | **Height** | Extremely Low (Low Profile) | Bulky/Tall | | **Cooling** | Easy to heatsink | Difficult to cool inner layers | | **Parasitics** | Highly Predictable | Variable | | **Cost** | Higher (Precision Mfg) | Lower |
    ✨ Follow-up Questions
    • ⤷What are the specific pinout dimensions for the MP1102-6-RV?
    • ⤷ How does the 'RV' suffix specifically alter the mechanical footprint?
    • ⤷ Can this part be used in automotive Grade 1 environments?