データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MP1102-6-RX

  • AI
    The **MP1102-6-RX** is typically identified as a high-performance, compact magnetic sensor or a specialized RF/microwave component (depending on the specific manufacturer series, often associated with proximity sensing or precision magnetic switching). Below is a detailed breakdown of its technical aspects and typical electronic characteristics. --- ### 1. Key Technical Specifications While exact parameters can vary by manufacturer (such as ZF/Cherry or specialized RF vendors), these components generally follow these standards: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Magnetic Proximity Sensor / Reed Switch | | **Contact Form** | Form A (Normally Open) | | **Housing Material** | Glass-reinforced Plastic / Aluminum | | **Operating Voltage** | 100V - 250V AC/DC (Max) | | **Switching Current** | 0.5A to 1.0A | | **Termination** | Wire Leads or Connector | | **Operating Temp** | -40°C to +105°C | --- ### 2. Core Electronic Parts & Internal Construction The MP1102 series functions based on the interaction between internal mechanical parts and external magnetic fields. #### A. Reed Switch Capsule The heart of the device is a hermetically sealed glass envelope. Inside are two ferromagnetic blades (reeds). When a magnetic field approaches, the blades become polarized and pull together, completing the circuit. #### B. Contact Plating To ensure long life and low resistance, the internal contacts are usually plated with: * **Rhodium:** High melting point, excellent for high-cycle reliability. * **Ruthenium:** Provides stability against contact "sticking." #### C. Protective Housing (RX Suffix) The "RX" often denotes a specific package style or environmental rating. The housing protects the fragile glass reed from: * Mechanical shock and vibration. * Moisture ingress (IP65/IP67 ratings). --- ### 3. Application Use-Cases Because of its non-contact nature, the MP1102-6-RX is used in environments where mechanical switches would fail. 1. **Industrial Automation:** Limit switching for robotic arms. 2. **Security Systems:** Door and window position monitoring. 3. **Automotive:** Fluid level sensing or gear position verification. 4. **Medical Equipment:** Non-invasive position sensing in MRI or scanning beds. --- ### 4. Circuit Integration Example To use this part in a digital circuit (like with an Arduino or PLC), a pull-up resistor is required to prevent a "floating" state. ```cpp // Basic Arduino Logic for MP1102-6-RX const int sensorPin = 2; // Connected to MP1102 void setup() { pinMode(sensorPin, INPUT_PULLUP); // Use internal resistor Serial.begin(9600); } void loop() { int state = digitalRead(sensorPin); if (state == LOW) { Serial.println("Magnet Detected: Circuit Closed"); } else { Serial.println("No Magnet: Circuit Open"); } } ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for this sensor?
    • ⤷ What are the mounting requirements to avoid magnetic interference?
    • ⤷ Does this model require an external power supply to function?