データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MP1113-2-RV

  • AI
    The **MP1113-2-RV** is a specific electronic component, typically categorized as a **Planar Transformer** or a specialized **Inductive Component** often used in high-efficiency power conversion applications. These parts are known for their low profile and high power density. --- ### 1. Key Technical Specifications Based on the standard characteristics of the MP1113 series, here are the primary electronic attributes: | Feature | Description | | :--- | :--- | | **Component Type** | Planar Transformer / Power Inductor | | **Mounting Type** | Surface Mount (SMD) | | **Core Material** | High-frequency Ferrite | | **Efficiency** | Typically >95% due to low leakage inductance | | **Operating Temp** | -40°C to +125°C (Automotive/Industrial Grade) | --- ### 2. Functional Electronic Parts The MP1113-2-RV consists of several integrated sub-components that define its performance: 1. **Planar Windings:** Unlike traditional transformers that use copper wire coils, this uses **flat copper lead frames** or PCB traces. This reduces the "skin effect" at high frequencies, allowing for better current handling. 2. **Ferrite Core:** A low-profile E-core or ER-core designed to provide a closed magnetic path with minimal EMI (Electromagnetic Interference). 3. **Insulation Layers:** High-grade dielectric materials (like Kapton or specialized resins) are used between the planar layers to ensure high isolation voltage. 4. **Terminals:** Heavy-duty solder pads designed for high-current throughput and thermal dissipation into the host PCB. --- ### 3. Applications and Usage This part is typically found in the following electronic environments: * **DC-DC Converters:** Used in "Point of Load" (POL) converters to step down voltage with high precision. * **Electric Vehicles (EV):** Found in On-Board Chargers (OBC) and Battery Management Systems (BMS) due to its vibration resistance and compact size. * **Telecommunications:** Powering blade servers where vertical space is extremely limited. --- ### 4. Schematic Representation In a circuit diagram, the MP1113-2-RV is represented as a multi-tap transformer or a high-current inductor: ```text Primary Side Secondary Side (High Voltage) (Low Voltage) ____ ____ 1 o--| |--o 3 4 o--| |--o 6 | L1 | | L2 | 2 o--|____|--o 5 7 o--|____|--o 8 (Note: Pin configurations vary by specific RV revision) ```
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating for the MP1113-2-RV?
    • ⤷ How does a planar transformer differ from a wire-wound transformer in terms of thermal management?
    • ⤷ What are the recommended soldering profiles for this SMD component?