データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MP1113-A-RV

  • AI
    The **MP1113-A-RV** belongs to a series of high-performance, miniaturized power modules or integrated circuits, typically used in industrial and consumer electronics for voltage regulation and signal conditioning. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Component Overview The MP1113 series is often associated with **Monolithic Power Systems (MPS)** or specialized power management manufacturers. These components are designed to provide high efficiency in a compact footprint. ### Key Specifications | Feature | Description | | :--- | :--- | | **Type** | Power Management IC (PMIC) / Step-Down Converter | | **Package** | Surface Mount (SMD) | | **Input Voltage Range** | Typically 4V to 28V (depending on specific sub-variant) | | **Output Current** | Up to 3A continuous | | **Efficiency** | Up to 95% | | **Switching Frequency** | High Frequency (500kHz - 1.2MHz) for smaller inductors | --- ## 2. Internal Electronic Architecture The "RV" suffix usually denotes a specific revision or a "Reflow-able" version meant for automated assembly. The internal structure includes: 1. **MOSFET Switches:** Integrated high-side and low-side power MOSFETs to minimize external component count. 2. **Control Loop:** A Current Mode Control architecture that provides fast transient response and eases loop stabilization. 3. **Protection Circuits:** * **OCP (Over-Current Protection):** Prevents damage during short circuits. * **OTP (Over-Temperature Protection):** Thermal shutdown if the die temperature exceeds safety limits (usually ~150°C). * **UVLO (Under-Voltage Lockout):** Ensures the chip only operates when the input voltage is high enough to be stable. --- ## 3. Typical Application Circuit To use the MP1113-A-RV, a standard buck converter configuration is required. ```markdown Vin ----[ C_in ]----+----[ MP1113 ]----+----[ L1 ]----+---- Vout | | | | GND EN/SS SW [ C_out ] | | [ D1 ]* GND | GND (*Note: D1 is only required if the IC is non-synchronous) ``` --- ## 4. Pin Configuration Functions The "A" variant typically features specific pin assignments optimized for noise reduction: * **VIN:** Input supply pin. * **SW (Switch):** Output node of the internal power switches connected to the inductor. * **FB (Feedback):** Input to the error amplifier; used to set the output voltage via a resistor divider. * **EN (Enable):** Logic level input to turn the device on or off. * **BST (Bootstrap):** Used to provide the gate drive voltage for the high-side MOSFET. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout diagram for the MP1113-A-RV?
    • ⤷ What are the recommended values for the output inductor and capacitor?
    • ⤷ Does this part have a direct equivalent or cross-reference from another manufacturer?