データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MP1120-B-RV

  • AI
    The **MP1120-B-RV** is a specialized power module designed by **Magic Power Technology**. It is primarily a high-efficiency AC/DC open-frame power supply known for its reliability in medical and industrial applications. Below is a detailed breakdown of its electronic components, specifications, and architecture. --- ### 1. Key Technical Specifications The electrical characteristics of the MP1120 series are optimized for low noise and safety compliance. | Parameter | Specification | | :--- | :--- | | **Input Voltage** | 90 ~ 264 VAC (Universal Input) | | **Output Voltage** | +24 VDC (Typical for the -B variant) | | **Max Power Output** | 120 Watts | | **Cooling** | Convection Cooled | | **Form Factor** | 3" x 5" (Standard Open Frame) | | **Efficiency** | ~87% - 90% | | **Safety Class** | Class I or Class II | --- ### 2. Internal Electronic Architecture The module is composed of several critical electronic stages: #### A. Input Protection & EMI Filtering * **Fuse:** Protects against over-current conditions at the AC input. * **Varistors (MOV):** Provide surge protection against voltage spikes. * **EMI Filter:** Consists of X/Y capacitors and common-mode chokes to reduce conducted electromagnetic interference, ensuring compliance with medical standards (EN55011). #### B. Power Factor Correction (PFC) * **Active PFC Circuit:** Modern versions of the MP1120 utilize an active PFC stage to ensure the power factor is $>0.9$, reducing harmonic distortion on the power grid. #### C. DC-DC Conversion (Switch-Mode) * **PWM Controller:** The "brain" of the module that regulates the switching frequency to maintain a steady output voltage. * **Switching MOSFETs:** High-speed transistors that chop the DC voltage into high-frequency pulses. * **Isolation Transformer:** Provides the critical 4000VAC galvanic isolation required for medical (2xMOPP) safety ratings. #### D. Secondary Rectification & Filtering * **Schottky Diodes/Synchronous Rectifiers:** Converts the high-frequency AC from the transformer back into stable DC. * **Low ESR Electrolytic Capacitors:** These are high-grade capacitors selected for longevity and to minimize output ripple/noise. --- ### 3. Protection Features The electronic design includes integrated circuits (ICs) dedicated to monitoring the health of the unit: 1. **OVP (Over Voltage Protection):** Latches the unit off if the output exceeds a safe threshold (approx. 110-130% of nominal). 2. **SCP (Short Circuit Protection):** Hiccup mode recovery; the unit shuts down during a short and restarts automatically once the fault is removed. 3. **OTP (Over Temperature Protection):** Thermal sensors reduce output or shut down the unit if internal heatsinks exceed safe operating temperatures. --- ### 4. Connector Pinout (Typical) The board usually utilizes **Molex** or similar friction-lock headers: | Connector | Pin Assignment | | :--- | :--- | | **Input (CN1)** | Line, Neutral, Ground | | **Output (CN2)** | +V (Positive), RTN (Return/Ground) | --- ### 5. Compliance & Certifications Because of its electronic design, the MP1120-B-RV meets: * **Medical Standards:** ANSI/AAMI ES60601-1. * **Safety:** UL/cUL 60950-1 (Industrial) and 60601-1 (Medical). * **RoHS:** The "RV" suffix often denotes compliance with environmental regulations regarding lead-free components.
    ✨ Follow-up Questions
    • ⤷ What are the specific differences between the MP1120-B and the MP1120-C variants?
    • ⤷ How does the 2xMOPP rating affect the component selection in this power supply?
    • ⤷ Can this power module be used in fanless enclosures safely?