データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MP1122-U1-RV

  • AI
    The **MP1122-U1-RV** is a specific variant of an industrial-grade power supply module, often utilized in networking equipment, telecommunications, and high-density server environments. It is part of a series known for high efficiency and modularity. --- ### 1. Key Technical Specifications | Parameter | Specification Details | | :--- | :--- | | **Input Type** | AC (Alternating Current) | | **Input Voltage Range** | 100V - 240V AC (Universal Input) | | **Output Power** | Typically rated around 1100W - 1200W (depending on input voltage) | | **Form Factor** | Hot-Pluggable / 1U Rack Mount | | **Efficiency Rating** | Usually 80 PLUS Platinum or Titanium equivalent | | **Cooling** | Integrated Internal Fan (Back-to-Front or Front-to-Back airflow) | --- ### 2. Core Electronic Components The internal architecture of the MP1122-U1-RV consists of several critical electronic stages: #### A. Input Protection & EMI Filtering * **Varistors (MOVs):** Protect the unit against high-voltage surges from the AC line. * **X and Y Capacitors:** Reduce Electromagnetic Interference (EMI) to meet regulatory standards. * **Bridge Rectifier:** Converts the incoming AC voltage into a pulsating DC voltage. #### B. Active Power Factor Correction (PFC) * **PFC Controller IC:** Optimizes the ratio of real power to apparent power, ensuring efficiency. * **Power MOSFETs:** High-speed switches used to boost the voltage to a steady DC bus (typically ~400V). #### C. DC-DC Conversion (Main Stage) * **Resonant LLC Converter:** A common topology in these units to minimize switching losses. * **Transformer:** Provides galvanic isolation between the high-voltage input and the low-voltage output. * **Synchronous Rectifiers:** Uses MOSFETs instead of diodes on the secondary side to significantly reduce heat and increase efficiency. #### D. Monitoring and Communication * **Microcontroller (MCU):** Manages the "Digital Power" aspects, monitoring temperature, load, and health. * **I2C / PMBus Interface:** Allows the host system (e.g., a server motherboard) to read real-time data such as power consumption, fan speed, and error logs. --- ### 3. Safety and Protective Features The unit includes integrated circuitry to protect both the power supply and the connected hardware: * **OCP (Over-Current Protection):** Shuts down if the load exceeds safe limits. * **OVP (Over-Voltage Protection):** Prevents damage to downstream components if the regulation loop fails. * **OTP (Over-Temperature Protection):** Thermal sensors trigger a shutdown if the internal components overheat. * **SCP (Short-Circuit Protection):** Instantaneous shutdown in the event of a direct short. --- ### 4. Physical Interface The "U1" and "RV" designations often refer to the mechanical housing and the revision: * **Gold-finger Connector:** The output side typically features a PCB edge connector that slides into a backplane, providing the 12V main rail and the 12Vsb (standby) rail. * **LED Indicators:** Usually features a Bi-color LED (Green/Amber) to indicate Power OK or Fault status.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the MP1122-U1-RV backplane connector?
    • ⤷ How does the PMBus protocol communicate with this specific power supply?
    • ⤷ What are the common failure points in the PFC stage of industrial power modules?